Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC164CS Datasheet(PDF) 52 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 52 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 48Page - Infineon Technologies AG XC164CS Datasheet HTML 49Page - Infineon Technologies AG XC164CS Datasheet HTML 50Page - Infineon Technologies AG XC164CS Datasheet HTML 51Page - Infineon Technologies AG XC164CS Datasheet HTML 52Page - Infineon Technologies AG XC164CS Datasheet HTML 53Page - Infineon Technologies AG XC164CS Datasheet HTML 54Page - Infineon Technologies AG XC164CS Datasheet HTML 55Page - Infineon Technologies AG XC164CS Datasheet HTML 56Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 71 page
background image
XC164
Derivatives
Electrical Parameters
Data Sheet
48
V2.1, 2003-06
Configuration pull-down
current10)
ICPDL
8)
–10
µA
VIN = VILmax
ICPDH
9)
120
–
µA
VIN = VIHmin
Level inactive hold current11)
ILHI
8)
–-10
µA
VOUT =
0.5
× V
DDP
Level active hold current11)
ILHA
9)
-100
–
µA
VOUT = 0.45 V
XTAL1 input current
IIL
CC –
±20
µA0 V < V
IN < VDDI
Pin capacitance12)
(digital inputs/outputs)
CIO CC –
10
pF
1)
Keeping signal levels within the limits specified in this table, ensures operation without overload conditions.
For signal levels outside these specifications, also refer to the specification of the overload current
IOV.
2)
This parameter is tested for P2, P3, P4, P9.
3)
The maximum deliverable output current of a port driver depends on the selected output driver mode, see
Table 12, Current Limits for Port Output Drivers. The limit for pin groups must be respected.
4)
As a rule, with decreasing output current the output levels approach the respective supply level (
VOL→VSS,
VOH→VDDP). However, only the levels for nominal output currents are guaranteed.
5)
This specification is not valid for outputs which are switched to open drain mode. In this case the respective
output will float and the voltage results from the external circuitry.
6)
An additional error current (
IINJ) will flow if an overload current flows through an adjacent pin. Please refer to
the definition of the overload coupling factor
KOV.
7)
This specification is valid during Reset for configuration on RD, WR, EA, PORT0.
8)
The maximum current may be drawn while the respective signal line remains inactive.
9)
The minimum current must be drawn to drive the respective signal line active.
10) This specification is valid during Reset for configuration on ALE.
11) This specification is valid during Reset for pins P4.3-0, which can act as CS outputs.
12) Not 100% tested, guaranteed by design and characterization.
DC Characteristics (cont’d)
(Operating Conditions apply)1)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com