Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC164CS Datasheet(PDF) 59 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 59 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 55Page - Infineon Technologies AG XC164CS Datasheet HTML 56Page - Infineon Technologies AG XC164CS Datasheet HTML 57Page - Infineon Technologies AG XC164CS Datasheet HTML 58Page - Infineon Technologies AG XC164CS Datasheet HTML 59Page - Infineon Technologies AG XC164CS Datasheet HTML 60Page - Infineon Technologies AG XC164CS Datasheet HTML 61Page - Infineon Technologies AG XC164CS Datasheet HTML 62Page - Infineon Technologies AG XC164CS Datasheet HTML 63Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
XC164
Derivatives
Electrical Parameters
Data Sheet
55
V2.1, 2003-06
Sample time and conversion time of the XC164’s A/D Converter are programmable. In
compatibility mode, the above timing can be calculated using Table 14.
The limit values for
fBC must not be exceeded when selecting ADCTC.
Converter Timing Example:
Assumptions:
fSYS
= 40 MHz (i.e.
tSYS = 25 ns), ADCTC = ‘01’, ADSTC = ‘00’.
Basic clock
fBC
=
fSYS / 2 = 20 MHz, i.e. tBC = 50 ns.
Sample time
tS
=
tBC × 8 = 400 ns.
Conversion 10-bit:
With post-calibr.
tC10P = 52 × tBC + tS + 6 × tSYS = (2600 + 400 + 150) ns = 3.15 µs.
Post-calibr. off
tC10
= 40
× t
BC + tS + 6 × tSYS = (2000 + 400 + 150) ns = 2.55 µs.
Conversion 8-bit:
With post-calibr.
tC8P
= 44
× t
BC + tS + 6 × tSYS = (2200 + 400 + 150) ns = 2.75 µs.
Post-calibr. off
tC8
= 32
× t
BC + tS + 6 × tSYS = (1600 + 400 + 150) ns = 2.15 µs.
Table 14
A/D Converter Computation Table1)
1)
These selections are available in compatibility mode. An improved mechanism to control the ADC input clock
can be selected.
ADCON.15|14
(ADCTC)
A/D Converter
Basic Clock
fBC
ADCON.13|12
(ADSTC)
Sample time
tS
00
fSYS / 4
00
tBC × 8
01
fSYS / 2
01
tBC × 16
10
fSYS / 16
10
tBC × 32
11
fSYS / 8
11
tBC × 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com