Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC164CS Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 45Page - Infineon Technologies AG XC164CS Datasheet HTML 46Page - Infineon Technologies AG XC164CS Datasheet HTML 47Page - Infineon Technologies AG XC164CS Datasheet HTML 48Page - Infineon Technologies AG XC164CS Datasheet HTML 49Page - Infineon Technologies AG XC164CS Datasheet HTML 50Page - Infineon Technologies AG XC164CS Datasheet HTML 51Page - Infineon Technologies AG XC164CS Datasheet HTML 52Page - Infineon Technologies AG XC164CS Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
XC164
Derivatives
Electrical Parameters
Data Sheet
45
V2.1, 2003-06
4.3
Operating Conditions
The following operating conditions must not be exceeded to ensure correct operation of
the XC164. All parameters specified in the following sections refer to these operating
conditions, unless otherwise noticed.
Table 11
Operating Condition Parameters
Parameter
Symbol
Limit Values
Unit Notes
min.
max.
Digital supply voltage for
the core
VDDI
2.35
2.7
V
Active mode,
fCPU = fCPUmax
1)
1)
fCPUmax = 40 MHz for devices marked …40F, fCPUmax = 20 MHz for devices marked …20F.
Digital supply voltage for
IO pads
VDDP
4.4
5.5
V
Active mode2)
2)
External circuitry must guarantee low level at the RSTIN pin at least until both power supply voltages have
reached the operating level.
Supply Voltage Difference
∆V
DD
-0.5
–
V
VDDP - VDDI
3)
3)
This limitation must be fulfilled under all operating conditions including power-ramp-up, power-ramp-down, and
power-save modes.
Digital ground voltage
VSS
0
V
Reference voltage
Overload current
IOV
-5
5
mA
Per IO pin4)5)
-2
5
mA
Per analog input
pin4)5)
Overload current coupling
factor for analog inputs6)
KOVA
–1.0
× 10-4 –
IOV > 0
–1.5
× 10-3 –
IOV < 0
Overload current coupling
factor for digital I/O pins6)
KOVD
–5.0
× 10-3 –
IOV > 0
–1.0
× 10-2 –
IOV < 0
Absolute sum of overload
currents
Σ|I
OV|–
50
mA
5)
External Load
Capacitance
CL
–
50
pF
Pin drivers in
default mode7)
Ambient temperature
TA
070
° C
SAB-XC164 …
-40
85
° C
SAF-XC164 …
-40
125
° C
SAK-XC164 …



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com