Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC164CS Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 24Page - Infineon Technologies AG XC164CS Datasheet HTML 25Page - Infineon Technologies AG XC164CS Datasheet HTML 26Page - Infineon Technologies AG XC164CS Datasheet HTML 27Page - Infineon Technologies AG XC164CS Datasheet HTML 28Page - Infineon Technologies AG XC164CS Datasheet HTML 29Page - Infineon Technologies AG XC164CS Datasheet HTML 30Page - Infineon Technologies AG XC164CS Datasheet HTML 31Page - Infineon Technologies AG XC164CS Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
XC164
Derivatives
Functional Description
Data Sheet
24
V2.1, 2003-06
The XC164 also provides an excellent mechanism to identify and to process exceptions
or error conditions that arise during run-time, so-called ‘Hardware Traps’. Hardware
traps cause immediate non-maskable system reaction which is similar to a standard
interrupt service (branching to a dedicated vector table location). The occurence of a
hardware trap is additionally signified by an individual bit in the trap flag register (TFR).
Except when another higher prioritized trap service is in progress, a hardware trap will
interrupt any actual program execution. In turn, hardware trap services can normally not
be interrupted by standard or PEC interrupts.
Table 5 shows all of the possible exceptions or error conditions that can arise during run-
time:
Table 5
Hardware Trap Summary
Exception Condition
Trap
Flag
Trap
Vector
Vector
Location1)
1)
Register VECSEG defines the segment where the vector table is located to.
Trap
Number
Trap
Priority
Reset Functions:
– Hardware Reset
– Software Reset
– W-dog Timer Overflow
–
RESET
RESET
RESET
xx’0000H
xx’0000H
xx’0000H
00H
00H
00H
III
III
III
Class A Hardware Traps:
– Non-Maskable Interrupt
– Stack Overflow
– Stack Underflow
– Software Break
NMI
STKOF
STKUF
SOFTBRK
NMITRAP
STOTRAP
STUTRAP
SBRKTRAP
xx’0008H
xx’0010H
xx’0018H
xx’0020H
02H
04H
06H
08H
II
II
II
II
Class B Hardware Traps:
– Undefined Opcode
– PMI Access Error
– Protected Instruction
Fault
– Illegal Word Operand
Access
UNDOPC
PACER
PRTFLT
ILLOPA
BTRAP
BTRAP
BTRAP
BTRAP
xx’0028H
xx’0028H
xx’0028H
xx’0028H
0AH
0AH
0AH
0AH
I
I
I
I
Reserved
–
–
[2CH –
3CH]
[0BH –
0FH]
–
Software Traps
– TRAP Instruction
––
Any
[xx’0000H –
xx’01FCH]
in steps
of 4H
Any
[00H –
7FH]
Current
CPU
Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com