Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC164CS Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 7Page - Infineon Technologies AG XC164CS Datasheet HTML 8Page - Infineon Technologies AG XC164CS Datasheet HTML 9Page - Infineon Technologies AG XC164CS Datasheet HTML 10Page - Infineon Technologies AG XC164CS Datasheet HTML 11Page - Infineon Technologies AG XC164CS Datasheet HTML 12Page - Infineon Technologies AG XC164CS Datasheet HTML 13Page - Infineon Technologies AG XC164CS Datasheet HTML 14Page - Infineon Technologies AG XC164CS Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
XC164
Derivatives
General Device Information
Data Sheet
7
V2.1, 2003-06
P9
P9.0
P9.1
P9.2
P9.3
P9.4
P9.5
10
11
12
13
14
15
IO
I/O
I
I
I/O
O
I
I/O
I
I
I/O
O
I
I/O
I/O
Port 9 is a 6-bit bidirectional I/O port. Each pin can be
programmed for input (output driver in high-impedance
state) or output (configurable as push/pull or open drain
driver). The input threshold of Port 9 is selectable (standard
or special).
The following Port 9 pins also serve for alternate functions:1)
CC16IO
CAPCOM2: CC16 Capture Inp./Compare Outp.,
CAN2_RxD CAN Node 2 Receive Data Input,
EX7IN
Fast External Interrupt 7 Input (alternate pin B)
CC17IO
CAPCOM2: CC17 Capture Inp./Compare Outp.,
CAN2_TxD CAN Node 2 Transmit Data Output,
EX6IN
Fast External Interrupt 6 Input (alternate pin B)
CC18IO
CAPCOM2: CC18 Capture Inp./Compare Outp.,
CAN1_RxD CAN Node 1 Receive Data Input,
EX7IN
Fast External Interrupt 7 Input (alternate pin A)
CC19IO
CAPCOM2: CC19 Capture Inp./Compare Outp.,
CAN1_TxD CAN Node 1 Transmit Data Output,
EX6IN
Fast External Interrupt 6 Input (alternate pin A)
CC20IO
CAPCOM2: CC20 Capture Inp./Compare Outp.
CC21IO
CAPCOM2: CC21 Capture Inp./Compare Outp.
P5
P5.0
P5.1
P5.2
P5.3
P5.4
P5.5
P5.10
P5.11
P5.6
P5.7
P5.12
P5.13
P5.14
P5.15
18
19
20
21
22
23
24
25
26
27
30
31
32
33
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
Port 5 is a 14-bit input-only port.
The pins of Port 5 also serve as analog input channels for the
A/D converter, or they serve as timer inputs:
AN0
AN1
AN2
AN3
AN4
AN5
AN10,
T6EUD GPT2 Timer T6 Ext. Up/Down Ctrl. Inp.
AN11,
T5EUD GPT2 Timer T5 Ext. Up/Down Ctrl. Inp.
AN6
AN7
AN12,
T6IN
GPT2 Timer T6 Count/Gate Input
AN13,
T5IN
GPT2 Timer T5 Count/Gate Input
AN14,
T4EUD GPT1 Timer T4 Ext. Up/Down Ctrl. Inp.
AN15,
T2EUD GPT1 Timer T2 Ext. Up/Down Ctrl. Inp.
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
Num.
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com