Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC164CS Datasheet(PDF) 67 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 67 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 63Page - Infineon Technologies AG XC164CS Datasheet HTML 64Page - Infineon Technologies AG XC164CS Datasheet HTML 65Page - Infineon Technologies AG XC164CS Datasheet HTML 66Page - Infineon Technologies AG XC164CS Datasheet HTML 67Page - Infineon Technologies AG XC164CS Datasheet HTML 68Page - Infineon Technologies AG XC164CS Datasheet HTML 69Page - Infineon Technologies AG XC164CS Datasheet HTML 70Page - Infineon Technologies AG XC164CS Datasheet HTML 71Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 67 / 71 page
background image
XC164
Derivatives
Timing Parameters
Data Sheet
63
V2.1, 2003-06
Note: The shaded parameters have been verified by characterization.
They are not 100% tested.
Table 19
External Bus Cycle Timing (Operating Conditions apply)
Parameter
Symbol
Limits
Unit
min.
max.
Output valid delay for:
RD, WR(L/H)
tc10 CC 113
ns
Output valid delay for:
A23
…A16, BHE, ALE
tc11 CC -1
7
ns
Output valid delay for:
A15
…A0 (on PORT1)
tc12 CC 116
ns
Output valid delay for:
A15
…A0 (on PORT0)
tc13 CC 316
ns
Output valid delay for:
CS
tc14 CC 114
ns
Output valid delay for:
D15
…D0 (write data, mux-mode)
tc15 CC 317
ns
Output valid delay for:
D15
…D0 (write data, demux-mode)
tc16 CC 317
ns
Output hold time for:
RD, WR(L/H)
tc20 CC -3
3ns
Output hold time for:
A23
…A16, BHE, ALE
tc21 CC 0
8ns
Output hold time for:
A15
…A0 (on PORT0)
tc23 CC 1
13
ns
Output hold time for:
CS
tc24 CC -3
3ns
Output hold time for:
D15
…D0 (write data)
tc25 CC 1
13
ns
Input setup time for:
READY, D15
…D0 (read data)
tc30 SR 24
–
ns
Input hold time
READY, D15
…D0 (read data)1)
tc31 SR -5
–
ns
1)
Read data are latched with the same (internal) clock edge that triggers the address change and the rising edge
of RD. Therefore address changes before the end of RD have no impact on (demultiplexed) read cycles. Read
data can be removed after the rising edge of RD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com