Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC164CS Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 47Page - Infineon Technologies AG XC164CS Datasheet HTML 48Page - Infineon Technologies AG XC164CS Datasheet HTML 49Page - Infineon Technologies AG XC164CS Datasheet HTML 50Page - Infineon Technologies AG XC164CS Datasheet HTML 51Page - Infineon Technologies AG XC164CS Datasheet HTML 52Page - Infineon Technologies AG XC164CS Datasheet HTML 53Page - Infineon Technologies AG XC164CS Datasheet HTML 54Page - Infineon Technologies AG XC164CS Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 71 page
background image
XC164
Derivatives
Electrical Parameters
Data Sheet
47
V2.1, 2003-06
4.5
DC Parameters
DC Characteristics
(Operating Conditions apply)1)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
max.
Input low voltage TTL
(all except XTAL1)
VIL
SR -0.5
0.2
× V
DDP
- 0.1
V–
Input low voltage XTAL1
VILC SR -0.5
0.3
× V
DDI V–
Input low voltage
(Special Threshold)
VILS SR -0.5
0.45
× V
DDP
V
2)
Input high voltage TTL
(all except XTAL1)
VIH SR 0.2× VDDP
+ 0.9
VDDP
+ 0.5
V–
Input high voltage XTAL1
VIHC SR 0.7
× V
DDI
VDDI
+ 0.5
V–
Input high voltage
(Special Threshold)
VIHS SR 0.8× VDDP
- 0.2
VDDP
+ 0.5
V–
Input Hysteresis
(Special Threshold)
HYS
0.04
× V
DDP
–V
VDDP in [V],
Series
resistance = 0
Ω
Output low voltage
VOL CC –
1.0
V
IOL ≤IOLmax
3)
–0.45
V
IOL ≤IOLnom
3) 4)
Output high voltage5)
VOH CC VDDP
- 1.0
–V
IOH ≥ IOHmax
3)
VDDP
- 0.45
–V
IOH ≥ IOHnom
3) 4)
Input leakage current (Port 5)6)
IOZ1 CC –
±300
nA
0 V <
VIN < VDDP,
TA ≤125 °C
±200
nA
0 V <
VIN < VDDP,
TA ≤85 °C
12)
Input leakage current (all
other)6)
IOZ2 CC –
±500
nA
0.45 V <
VIN <
VDDP
Configuration pull-up current7)
ICPUH
8)
–-10
µA
VIN = VIHmin
ICPUL
9)
-100
–
µA
VIN = VILmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com