Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC164CS Datasheet(PDF) 57 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 57 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 53Page - Infineon Technologies AG XC164CS Datasheet HTML 54Page - Infineon Technologies AG XC164CS Datasheet HTML 55Page - Infineon Technologies AG XC164CS Datasheet HTML 56Page - Infineon Technologies AG XC164CS Datasheet HTML 57Page - Infineon Technologies AG XC164CS Datasheet HTML 58Page - Infineon Technologies AG XC164CS Datasheet HTML 59Page - Infineon Technologies AG XC164CS Datasheet HTML 60Page - Infineon Technologies AG XC164CS Datasheet HTML 61Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 71 page
background image
XC164
Derivatives
Electrical Parameters
Data Sheet
53
V2.1, 2003-06
4.6
A/D Converter Characteristics
Table 13
A/D Converter Characteristics
(Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.
Analog reference supply
VAREF
SR
4.5
VDDP
+ 0.1
V
1)
Analog reference ground
VAGND
SR
VSS - 0.1 VSS + 0.1 V
Analog input voltage range
VAIN SR VAGND
VAREF
V
2)
Basic clock frequency
fBC
0.5
20
MHz 3)
Conversion time for 10-bit
result4)
tC10P CC 52× tBC + tS + 6× tSYS –
Post-calibr. on
tC10
CC 40
× t
BC + tS + 6× tSYS
–
Post-calibr. off
Conversion time for 8-bit
result7)
tC8P CC 44× tBC + tS + 6× tSYS –
Post-calibr. on
tC8
CC 32
× t
BC + tS + 6× tSYS
–
Post-calibr. off
Calibration time after reset
tCAL CC 484
11,696
tBC
5)
Total unadjusted error
TUE
CC –
±2LSB 1)
Total capacitance
of an analog input
CAINT
CC
–15
pF
6)
Switched capacitance
of an analog input
CAINS
CC
–10
pF
6)
Resistance of
the analog input path
RAIN
CC
–2
k
Ω
6)
Total capacitance
of the reference input
CAREFT
CC
–20
pF
6)
Switched capacitance
of the reference input
CAREFS
CC
–15
pF
6)
Resistance of
the reference input path
RAREF
CC
–1
k
Ω
6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com