Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC164CS Datasheet(PDF) 48 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 48 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 44Page - Infineon Technologies AG XC164CS Datasheet HTML 45Page - Infineon Technologies AG XC164CS Datasheet HTML 46Page - Infineon Technologies AG XC164CS Datasheet HTML 47Page - Infineon Technologies AG XC164CS Datasheet HTML 48Page - Infineon Technologies AG XC164CS Datasheet HTML 49Page - Infineon Technologies AG XC164CS Datasheet HTML 50Page - Infineon Technologies AG XC164CS Datasheet HTML 51Page - Infineon Technologies AG XC164CS Datasheet HTML 52Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 71 page
background image
XC164
Derivatives
Electrical Parameters
Data Sheet
44
V2.1, 2003-06
4
Electrical Parameters
4.1
Absolute Maximum Ratings
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
During absolute maximum rating overload conditions (
VIN > VDDP or VIN < VSS)
the voltage on
VDDP pins with respect to ground (VSS) must not exceed the values
defined by the absolute maximum ratings.
4.2
Package Properties
Table 9
Absolute Maximum Rating Parameters
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Storage temperature
TST
-65
150
° C–
Junction temperature
TJ
-40
150
° C
under bias
Voltage on
VDDI pins with
respect to ground (
VSS)
VDDI
-0.5
3.25
V
–
Voltage on
VDDP pins with
respect to ground (
VSS)
VDDP
-0.5
6.2
V
–
Voltage on any pin with
respect to ground (
VSS)
VIN
-0.5
VDDP
+ 0.5
V–
Input current on any pin
during overload condition
–
-10
10
mA
–
Absolute sum of all input
currents during overload
condition
–
–
|100|
mA
–
Table 10
Package Parameters (P-TQFP-100-16)
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Power dissipation
PDISS
–0.8
W
–
Thermal Resistance
RTHA
–
29
K/W
Chip-Ambient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com