Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC164CS Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 16Page - Infineon Technologies AG XC164CS Datasheet HTML 17Page - Infineon Technologies AG XC164CS Datasheet HTML 18Page - Infineon Technologies AG XC164CS Datasheet HTML 19Page - Infineon Technologies AG XC164CS Datasheet HTML 20Page - Infineon Technologies AG XC164CS Datasheet HTML 21Page - Infineon Technologies AG XC164CS Datasheet HTML 22Page - Infineon Technologies AG XC164CS Datasheet HTML 23Page - Infineon Technologies AG XC164CS Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 71 page
background image
XC164
Derivatives
Functional Description
Data Sheet
16
V2.1, 2003-06
so-called General Purpose Registers (GPRs).
The upper 256 bytes of the DPRAM are directly bitaddressable. When used by a GPR,
any location in the DPRAM is bitaddressable.
1024 bytes (2
× 512 bytes) of the address space are reserved for the Special Function
Register areas (SFR space and ESFR space). SFRs are wordwide registers which are
used for controlling and monitoring functions of the different on-chip units. Unused SFR
addresses are reserved for future members of the XC166 Family. Therefore, they should
either not be accessed, or written with zeros, to ensure upward compatibility.
In order to meet the needs of designs where more memory is required than is provided
on chip, up to 12 Mbytes (approximately, see Table 3) of external RAM and/or ROM can
be connected to the microcontroller. The External Bus Interface also provides access to
external peripherals.
Table 3
XC164 Memory Map1)
1)
Accesses to the shaded areas generate external bus accesses.
Address Area
Start Loc.
End Loc.
Area Size2)
2)
The areas marked with “<“ are slightly smaller than indicated, see column “Notes”.
Notes
Flash register space
FF’F000H
FF’FFFFH
4 Kbytes
Flash only3)
3)
Not defined register locations return a trap code.
Reserved (Acc. trap)
F8’0000H
FF’EFFFH
<0.5 Mbytes
Minus Flash regs
Reserved for PSRAM
E0’0800H
F7’FFFFH
<1.5 Mbytes
Minus PSRAM
Program SRAM
E0’0000H
E0’07FFH
2 Kbytes
Maximum
Reserved for pr. mem.
C2’0000H
DF’FFFFH < 2 Mbytes
Minus Flash/ROM
Program Flash/ROM
C0’0000H
C1’FFFFH
128 Kbytes
Reserved
BF’0000H
BF’FFFFH
64 Kbytes
External memory area
40’0000H
BE’FFFFH <8 Mbytes
Minus res. seg.
External IO area4)
4)
Several pipeline optimizations are not active within the external IO area. This is necessary to control external
peripherals properly.
20’0800H
3F’FFFFH
<2 Mbytes
Minus TwinCAN
TwinCAN registers
20’0000H
20’07FFH
2 Kbytes
External memory area
01’0000H
1F’FFFFH
<2 Mbytes
Minus segment 0
Data RAMs and SFRs
00’8000H
00’FFFFH
32 Kbytes
Partly used
External memory area
00’0000H
00’7FFFH
32 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com