Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC164CS Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 10Page - Infineon Technologies AG XC164CS Datasheet HTML 11Page - Infineon Technologies AG XC164CS Datasheet HTML 12Page - Infineon Technologies AG XC164CS Datasheet HTML 13Page - Infineon Technologies AG XC164CS Datasheet HTML 14Page - Infineon Technologies AG XC164CS Datasheet HTML 15Page - Infineon Technologies AG XC164CS Datasheet HTML 16Page - Infineon Technologies AG XC164CS Datasheet HTML 17Page - Infineon Technologies AG XC164CS Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 71 page
background image
XC164
Derivatives
General Device Information
Data Sheet
10
V2.1, 2003-06
P20
P20.0
P20.1
P20.4
P20.5
P20.12
63
64
65
66
2
IO
O
O
O
I
O
Port 20 is a 6-bit bidirectional I/O port. Each pin can be
programmed for input (output driver in high-impedance
state) or output. The input threshold of Port 20 is selectable
(standard or special).
The following Port 20 pins also serve for alternate functions:
RD
External Memory Read Strobe, activated for
every external instruction or data read access.
WR/WRL
External Memory Write Strobe.
In WR-mode this pin is activated for every
external data write access.
In WRL-mode this pin is activated for low byte
data write accesses on a 16-bit bus, and for
every data write access on an 8-bit bus.
ALE
Address Latch Enable Output.
Can be used for latching the address into
external memory or an address latch in the
multiplexed bus modes.
EA
External Access Enable pin.
A low level at this pin during and after Reset
forces the XC164 to latch the configuration from
PORT0 and pin RD, and to begin instruction
execution out of external memory.
A high level forces the XC164 to latch the
configuration from pins RD, ALE, and WR, and
to begin instruction execution out of the internal
program memory. "ROMless" versions must
have this pin tied to ‘0’.
RSTOUT
Internal Reset Indication Output.
Is activated asynchronously with an external
hardware reset. It may also be activated
(selectable) synchronously with an internal
software or watchdog reset.
Is deactivated upon the execution of the EINIT
instruction, optionally at the end of reset, or at
any time (before EINIT) via user software.
Note: Port 20 pins may input configuration values (see EA).
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
Num.
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com