Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC164CS Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # XC164CS
Description  16-Bit Single-Chip Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164CS Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button XC164CS Datasheet HTML 14Page - Infineon Technologies AG XC164CS Datasheet HTML 15Page - Infineon Technologies AG XC164CS Datasheet HTML 16Page - Infineon Technologies AG XC164CS Datasheet HTML 17Page - Infineon Technologies AG XC164CS Datasheet HTML 18Page - Infineon Technologies AG XC164CS Datasheet HTML 19Page - Infineon Technologies AG XC164CS Datasheet HTML 20Page - Infineon Technologies AG XC164CS Datasheet HTML 21Page - Infineon Technologies AG XC164CS Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
XC164
Derivatives
Functional Description
Data Sheet
14
V2.1, 2003-06
3
Functional Description
The architecture of the XC164 combines advantages of RISC, CISC, and DSP
processors with an advanced peripheral subsystem in a very well-balanced way. In
addition, the on-chip memory blocks allow the design of compact systems-on-silicon with
maximum performance (computing, control, communication).
The on-chip memory blocks (program code-memory and SRAM, dual-port RAM, data
SRAM) and the set of generic peripherals are connected to the CPU via separate buses.
Another bus, the LXBus, connects additional on-chip resoures as well as external
resources (see Figure 3).
This bus structure enhances the overall system performance by enabling the concurrent
operation of several subsystems of the XC164.
The following block diagram gives an overview of the different on-chip components and
of the advanced, high bandwidth internal bus structure of the XC164.
Figure 3
Block Diagram
In terrup t B u s
XTAL
M C B 0 4323_x4.vs d
Osc / PLL
C lock G enera tion
RTC
WD T
GPT
T2
T3
T4
T5
T6
SSC0
BR G e n
(S P I)
AS C1
BR G en
(U SAR T )
ADC
8/10-B it
12 /1 6
C hannels
CC2
T7
T8
CC 6
T1 2
T1 3
EBC
XBU S C o n tro l
Ex tern al Bu s
Con trol
ProgM em
Flash / R O M
128 K B ytes
P 2 0
14
Po rt 5
16
PSRAM
DPRAM
DS RA M
C 166SV2-C ore
CP U
AS C 0
BR G e n
(U SAR T )
SS C1
BR G e n
(SPI)
CC 1
T0
T1
Tw in
CAN
A
B
PO R T 1
PO R T 0
Po rt 3
Po rt 4
Po rt 9
16
14
8
6
5
Interrupt & PE C
P e ripheral D a ta Bus
OCDS
D ebug Support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com