Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5246ACPZN-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADL5246ACPZN-R7
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246ACPZN-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADL5246ACPZN-R7 Datasheet HTML 25Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 26Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 28Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 29Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 30Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 31Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 32Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Data Sheet
ADL5246
Rev. A | Page 29 of 36
EVALUATION BOARD
The schematic of the ADL5246 evaluation board is shown in
Figure 82. All RF traces on the evaluation board have a
characteristic impedance of 50 Ω and are fabricated from FR408
material. The traces are grounded coplanar waveguide (GCPWG)
with a width of 25 mils, spacing to ground of 20 mils, and dielectric
thickness of 13 mils. To ensure broadband performance, the inputs
and outputs of AMP1, AMP2, and AMP3 are ac-coupled with
100 pF capacitors.
The bias to AMP1 is provided through the L1 inductor. VPOS1
and VPOS2 provide bias to AMP2. The L2 and L3 inductors
provide a high impedance to the RF signals that might be present
on these pins. The AMP3 bias circuit receives bias from VPOS2.
The AMP3 output receives bias through the L1 inductor. Bypassing
capacitors are recommended on all supply lines to minimize RF
coupling. AMP3 on the ADL5246 evaluation board is configured
for 2.2 GHz operation.
The evaluation board is designed so that the gain control pins of
AMP2 can be controlled individually or in tandem using VGAIN1
and VGAIN2. The gain range is switched by providing the
appropriate logic level to the internal bypass switch via VSW1
and VSW1. See Table 5 for switch control logic information.
By default, the ADL5246 evaluation board is configured to evaluate
each of the amplifiers individually. To configure the evaluation
board to cascade AMP1, AMP2, and AMP3, remove the C9, C13,
C21, and C22 blocking capacitors and install the C10, C12, C18,
and C19 capacitors. The C33, C34, C31, C32, L8, and L7
components are place holders that allow for adding filters between
the gain stages, if required. If a filter is not being used, install a 0 Ω
resistor as a jumper in place of L7 and L8. Inductor L5 is provided
for optional interstage tuning between RFOUT2 and RFIN3.
Table 8. Evaluation Board Configurations Options
Component
Function
Default Value
VCC1, VCC2
VPOS1, VPOS2,
GND1, GND2,
GND3
Power supply and ground test loops.
Installed
R6, R7
Jumpers to connect VPOS1 and VPOS2 to the internal power plane.
R6, R7 = 0 Ω
U1
ADL5246ACPZN the device under test.
Installed
RFIN1, RFOUT1,
RFIN2, RFOUT2,
RFIN3, RFOUT3
RF input and output SMA connecters.
Installed
R8, R9, R10, R11
Jumpers to facilitate the modification of the RF connections between the amplifier blocks.
R8, R9, R10, R11 = 0 Ω
C8, C9
AC coupling capacitors for AMP1.
C8, C9 = 100 pF
C5, C40, C41
Power supply decoupling capacitors for AMP1. Of these three capacitors, C5 must be
located closest to the device.
C5 = 100 pF,
C40 = 0.1 µF,
C41 = 1000 pF
L1
The bias for AMP1 comes through L1 when connected to a 5 V supply. L1 must be high
impedance for the frequency of operation, while providing low resistance for the dc current.
L1 = 100 nH
VSW1, VSW1
Logic control test loops for the AMP2 integrated bypass switch.
Installed
R2, R3, C6, C11
R2 and R3 isolate the switch control pins from the external capacitance. C6 and C11
provide the decoupling.
R2, R3 = 100 Ω,
C6, C11 = 100 pF
VGAIN1, VGAIN2
VGAIN1 and VGAIN2 are test loops to apply the control voltage to the integrated VVAs.
Installed
R4, R5, C14, C15
R4 and R5 isolate the gain control pins from external capacitance. C14 and C15 provide the
decoupling.
R4, R5 = 100 Ω,
C14, C15 = 100 pF
C13, C22
AC coupling capacitors for AMP2.
C13, C22 = 100 pF
C2, C4, C7, C16,
C17, C20
Power supply decoupling capacitors for AMP2. Of these six capacitors, C7 and C16 must be
located closest to the device.
C7, C16 = 100 pF,
C2, C20 = 0.1 µF,
C4, C17 = 1000 pF
L2, L3
The bias for AMP2 comes through L2 and L3 when connected to a 5 V supply. L2 and L3
must be high impedance for the frequency of operation, while providing low resistance for
the dc current.
L2 = 10 nH,
L3 = 100 nH
L5
L5 is an optional tuning element, which can aid gain, bandwidth, and OP1dB in some
circumstances.
L5 = do not install (DNI)
C21, C23
AC coupling capacitors for AMP3.
C21, C23 = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com