Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5246ACPZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5246ACPZN-R7
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246ACPZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5246ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Data Sheet
ADL5246
Rev. A | Page 5 of 36
3.3 V
5 V
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
AMP2 FREQUENCY = 1.5 GHz
RFIN2 to RFOUT2 at maximum gain
Gain
7.5
10
dB
vs. Frequency
±100 MHz
±0.6
±0.7
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
+2.5 to −4
+0.5 to −2
dB
Gain Range
HG mode
14.5
50
dB
Input Return Loss
−9
−10
dB
Output Return Loss
−12
−10
dB
Input 1 dB Compression
Point
7
8
dBm
Input Third Order Intercept
∆f = 1 MHz, PIN = −5 dBm/tone
18.5
19.5
dBm
Noise Figure
4.2
3.2
dB
AMP2 FREQUENCY = 1.9 GHz
RFIN2 to RFOUT2 at maximum gain
Gain
5
7.5
dB
vs. Frequency
±100 MHz
±0.6
±0.6
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
+2.5 to −4
+0.5 to −2
dB
Gain Range
HG mode
14
48
dB
Input Return Loss
−9
−10
dB
Output Return Loss
−10
−8
dB
Input 1 dB Compression
Point
9
10
dBm
Input Third Order Intercept
∆f = 1 MHz, PIN = −5 dBm/tone
20.5
21.5
dBm
Noise Figure
4.6
3.6
dB
AMP2 FREQUENCY = 2.2 GHz
RFIN2 to RFOUT2 at maximum gain
Gain
3.5
5.5
dB
vs. Frequency
±100 MHz
±0.5
±0.5
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
+2 to −3
+0.5 to −2
dB
Gain Range
HG mode
13.5
45
dB
Input Return Loss
−9
−10
dB
Output Return Loss
−8
−7
dB
Input 1 dB Compression
Point
11
11
dBm
Input Third Order Intercept
∆f = 1 MHz, PIN = −5 dBm/tone
22.5
23
dBm
Noise Figure
5.1
4.2
dB
AMP2 FREQUENCY = 2.6 GHz
RFIN2 to RFOUT2 at maximum gain
Gain
1.5
3.7
dB
vs. Frequency
±100 MHz
±0.5
±0.5
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
+2 to −3
+0.3 to −3
dB
Gain Range
HG mode
13
42
dB
Input Return Loss
−9
−10
dB
Output Return Loss
−7.5
−6.5
dB
Input 1 dB Compression
Point
14
13.5
dBm
Input Third Order Intercept
∆f = 1 MHz, PIN = –5 dBm/tone
24
24.5
dBm
Noise Figure
5.3
4.3
dB
AMP2 GAIN SETTLING, 0.9 GHz
RFIN2 to RFOUT2
Full Range Step, VGAIN1 or
VGAIN2
1 dB settling, HG mode
0 to 3.3 V
2
1
µs
3.3 to 0 V
4
3
µs
0.5 VGAIN Step
HG mode, VGAIN1 = 2.0 to 1.5 V, 1 dB
settling
4
3
µs
HG to LG Transition
VGAIN1 = VGAIN2 = 0 V, 1 dB settling
0.3
0.2
µs
LG to HG Transition
VGAIN1 = VGAIN2 = 0 V, 1 dB settling
0.2
0.1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com