Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5246ACPZN-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5246ACPZN-R7
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246ACPZN-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5246ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 25Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 26Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
ADL5246
Data Sheet
Rev. A | Page 24 of 36
Amplifier 3 (AMP3)
AMP3 is a broadband 1⁄2 watt driver requiring band specific
matching to achieve the specified performance. The input and
output are easily matched using a combination of series and
shunt capacitors and a microstrip line serving as an inductor.
VPOS2 provides dc bias to the internal bias circuit. Bias for the
output stage is supplied to the amplifier via the L4 inductor that
is connected to RFOUT3. Therefore, both VPOS2 and VCC2 must
be connected to bias to operate AMP3. Capacitors C24, C25, and
C26 provide the power supply decoupling. When AMP3 is not in
use, terminate the RFIN3 and RFOUT3 pins to ground via a 100 pF
capacitor and a 50 Ω resistor in series on each pin. Figure 78
shows the matching components for operation at 2.2 GHz.
Gain Control
The integrated VVAs are controlled by VGAIN1 and VGAIN2.
The attenuators maybe controlled independently, if desired. The
gain control voltage range is 0 V to 3.3 V. R4 and R5 isolate the
gain control circuit from external capacitance. Capacitors C14
and C15 provide decoupling.
VSW1 and VSW1 are complementary 3 V logic that is used to
control the bypass switch operation and are detailed in Table 5.
R2 and R3 isolate the logic control circuitry from external
capacitance. The C6 and C11 capacitors provide decoupling.
Figure 9 through Figure 14 show that operating AMP2 at 5 V
gives greater gain range; however, operating at 3.3 V gives better
phase linearity. Operating at 5 V gives better temperature stability,
as shown in Figure 17. It is possible to operate the gain control
section at 5 V while operating the remainder of the ADL5246 at
3.3 V for reduced power consumption.
Amplifier 3 Matching
The input and output of the driver amplifier, AMP3, can be
matched to 50 Ω using two to three external components. The
microstrip transmission line is used as an inductor. The matching
component values are listed in Table 6. All capacitors are
Murata GRM15 series (0402 size), L4 is a Coilcraft® 0603CS
series (0603 size). The 0603 size is preferred over the 0402 size
for additional current handling capability. The self resonance of
L4 has little bearing on the performance of AMP3, within
reasonable limits. For all frequency bands, the placement of C1,
C3, and L6 are critical. Table 7 lists the component spacing for
C1, C3, and L6. The placement of C3 and R1 are fixed for the
matching network on the evaluation board. The spacing is 69 mils
and 301 mils, respectively. In the case of 0.75 GHz and 0.9 GHz,
a 2 Ω resistor is used in place of the capacitor in the C21 location.
Table 6. Matching Component Values on the ADL5246 Evaluation Board
Frequency (GHz)
C21
C3 (pF)
L6 (nH)
C1 (pF)
C23 (pF)
R1 (Ω)
0.75
2 Ω
9
3.3
8.2
100
0
0.9
2 Ω
6
3.3
6
100
0
1.9
100 pF
2
1
2.7
100
0
2.2
100 pF
1.5
1
2.7
100
0
2.6
100 pF
1.0
1
2.2 F
100
0
Table 7. Matching Component Spacing on the ADL5246 Evaluation Board
Frequency (GHz)
C3: λ1 (mils)
L6: λ2 (mils)
R1 (mils)
C1: λ3 (mils)
0.75
69
24
301
528.4
0.9
69
24
301
422.4
1.9
69
24
301
184.2
2.2
69
24
301
75.4
2.6
69
24
301
75.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com