Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5246ACPZN-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADL5246ACPZN-R7
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246ACPZN-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADL5246ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 25Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 26Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 28Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 29Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
ADL5246
Data Sheet
Rev. A | Page 26 of 36
28
27
26
25
21
22
23
24
RFOUT3
RFIN3
VCC2
C1
2.7pF
L6
1nH
GND
ADL5246
λ2
λ3
C23
100pF
R1
0Ω
GND
GND
GND
VPOS2
λ1
C3
2pF
C21
100pF
L4
100nH
NIC
Figure 77. AMP3 Matching Circuit at 1.9 GHz
28
27
26
25
21
22
23
24
RFOUT3
RFIN3
VCC2
C1
2.7pF
L6
1nH
GND
ADL5246
λ2
λ3
C23
100pF
R1
0Ω
GND
GND
GND
VPOS2
λ1
C3
1.5pF
C21
100pF
L4
100nH
NIC
Figure 78. AMP3 Matching Circuit at 2.2 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com