Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5246ACPZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5246ACPZN-R7
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246ACPZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5246ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Data Sheet
ADL5246
Rev. A | Page 11 of 36
–60
–50
–40
–30
–20
–10
0
10
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.9GHz, 5.0V, HG
0.9GHz, 5.0V, LG
1.9GHz, 5.0V, HG
1.9GHz, 5.0V, LG
2.6GHz, 5.0V, HG
2.6GHz, 5.0V, LG
VGAIN1, VGAIN2 (V)
Figure 9. AMP2 Gain vs. VGAIN1, VGAIN2 at Three Frequencies, 5 V Supply,
Both Gain Controls Varied, VGAIN1 = VGAIN2
–60
–50
–40
–30
–20
–10
0
10
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VGAIN1, VGAIN2 (V)
0.9GHz, 5V, HG, VGAIN1
0.9GHz, 5V, LG, VGAIN1
0.9GHz, 5V, HG, VGAIN2
0.9GHz, 5V, LG, VGAIN2
2.6GHz, 5V, HG, VGAIN1
2.6GHz, 5V, LG, VGAIN1
2.6GHz, 5V, HG, VGAIN2
2.6GHz, 5V, LG, VGAIN2
Figure 10. AMP2 Gain vs. VGAIN1,VGAIN2 at Two Frequencies, 5 V Supply,
Only One Gain Control Varied
–200
–150
–100
–50
0
50
100
150
200
250
300
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.9GHz, 5.0V, HG
0.9GHz, 5.0V, LG
1.9GHz, 5.0V, HG
1.9GHz, 5.0V, LG
2.6GHz, 5.0V, HG
2.6GHz, 5.0V, LG
VGAIN1, VGAIN2 (V)
Figure 11. AMP2 Unwrapped Phase vs. VGAIN1, VGAIN2 at Three Frequencies,
5 V Supply, Both Gain Controls Varied, VGAIN1 = VGAIN2
–25
–20
–15
–10
–5
0
5
10
15
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.9GHz, 3.3V, HG
0.9GHz, 3.3V, LG
1.9GHz, 3.3V, HG
1.9GHz, 3.3V, LG
2.6GHz, 3.3V, HG
2.6GHz, 3.3V, LG
VGAIN1, VGAIN2 (V)
Figure 12. AMP2 Gain vs. VGAIN1,VGAIN2 at Three Frequencies, 3.3 V Supply,
Both Gain Controls Varied, VGAIN1 = VGAIN2
–25
–20
–15
–10
–5
0
5
10
15
0
0.51.01.52.02.53.03.5
VGAIN1, VGAIN2 (V)
0.9GHz, 3.3V, HG, VGAIN1
0.9GHz, 3.3V, LG, VGAIN1
0.9GHz, 3.3V, HG, VGAIN2
0.9GHz, 3.3V, LG, VGAIN2
2.6GHz, 3.3V, HG, VGAIN1
2.6GHz, 3.3V, LG, VGAIN1
2.6GHz, 3.3V, HG, VGAIN2
2.6GHz, 3.3V, LG, VGAIN2
Figure 13. AMP2 Gain vs. VGAIN1, VGAIN2 at Two Frequencies, 3.3 V Supply,
Only One Gain Control Varied
–200
–150
–100
–50
0
50
100
150
200
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VGAIN1, VGAIN2 (V)
0.9GHz, 3.3V, HG
0.9GHz, 3.3V, LG
1.9GHz, 3.3V, HG
1.9GHz, 3.3V, LG
2.6GHz, 3.3V, HG
2.6GHz, 3.3V, LG
Figure 14. AMP2 Unwrapped Phase vs. VGAIN1, VGAIN2 at Three Frequencies,
3.3 V Supply, Both Gain Controls Varied, VGAIN1 = VGAIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com