Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5246ACPZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5246ACPZN-R7
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246ACPZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5246ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
ADL5246
Data Sheet
Rev. A | Page 12 of 36
0
2
4
6
8
10
12
14
16
18
0.6
1.0
1.4
1.8
2.2
2.6
3.0
FREQUENCY (GHz)
5.0V
3.3V
Figure 15. AMP2 Input P1dB vs. Frequency at Maximum Gain, HG Only
–50
–40
–30
–20
–10
0
0.6
1.0
1.4
1.8
2.2
2.6
3.0
FREQUENCY (GHz)
Figure 16. AMP2 Magnitude of Input Return Loss (S11) vs. Frequency,
5 V Supply, Gain Stepped Across Full Range
–5
0
5
10
15
20
0.6 0.8
1.0 1.2
1.4 1.6 1.8
2.0
2.2
2.4
2.6 2.8 3.0
FREQUENCY (GHz)
TA = –40°C, 5.0V
TA = +25°C, 5.0V
TA = +85°C, 5.0V
TA = +105°C, 5.0V
TA = –40°C, 3.3V
TA = +25°C, 3.3V
TA = +85°C, 3.3V
TA = +105°C, 3.3V
Figure 17. AMP2 Gain vs. Frequency by Temperatures at Maximum Gain
10
12
14
16
18
20
22
24
26
28
30
0.6
1.0
1.4
1.8
2.2
2.6
3.0
FREQUENCY (GHz)
5.0V
3.3V
Figure 18. AMP2 Input IP3 vs. Frequency at Maximum Gain, HG Only
–50
–40
–30
–20
–10
0
0.6
1.0
1.4
1.8
2.2
2.6
3.0
FREQUENCY (GHz)
Figure 19. AMP2 Magnitude of Output Return Loss (S22) vs. Frequency,
5 V Supply, Gain Stepped Across Full Range
0
2
4
6
8
10
12
14
16
0.6
1.0
1.4
1.8
2.2
2.6
3.0
FREQUENCY (GHz)
5.0V, HG
3.3V, HG
5.0V, LG
3.3V, LG
Figure 20. AMP2 Noise Figure vs. Frequency at VGAIN1 = VGAIN2 = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com