Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5246ACPZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5246ACPZN-R7
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246ACPZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5246ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADL5246
Data Sheet
Rev. A | Page 4 of 36
3.3 V
5 V
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
AMP1 FREQUENCY = 2.2 GHz
RFIN1 and RFOUT1 pins
Gain
11
11.5
dB
vs. Frequency
±100 MHz
±0.5
±0.5
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
±0.5
±0.5
dB
vs. Supply
3.135 V to 3.465 V, 4.75 V to 5.25 V
±0.05
±0.05
dB
Input Return Loss
S11
−11
−12
dB
Output Return Loss
S22
−15
−12
dB
Output 1 dB Compression
Point
19
22.3
dBm
Output Third Order Intercept
∆f = 1 MHz, POUT = 0 dBm/tone
34
37.5
dBm
Noise Figure
1
1
dB
AMP1 FREQUENCY = 2.6 GHz
RFIN1 and RFOUT1 pins
Gain
10
10
dB
vs. Frequency
±100 MHz
±0.4
±0.5
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
±0.4
±0.5
dB
vs. Supply
3.135 V to 3.465 V, 4.75 V to 5.25 V
±0.05
±0.05
dB
Input Return Loss
S11
−10
−11
dB
Output Return Loss
S22
−17
−13
dB
Output 1 dB Compression
Point
19.5
22.5
dBm
Output Third Order Intercept
∆f = 1 MHz, POUT = 0 dBm/tone
34
37.4
dBm
Noise Figure
1.2
1.2
dB
AMP2 FREQUENCY = 0.75 GHz
RFIN2 to RFOUT2 at maximum gain
Gain
12.5
16
dB
vs. Frequency
±50 MHz
±0.4
±0.4
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
+3 to −4
+0.5 to −2
dB
Gain Range
HG mode
15
60
dB
Input Return Loss
−10
−9
dB
Output Return Loss
−29
−16
dB
Input 1 dB Compression
Point
2
4.5
dBm
Input Third Order Intercept
∆f = 1 MHz, PIN = −5 dBm/tone
13
15
dBm
Noise Figure
4.5
3.5
dB
AMP2 FREQUENCY = 0.9 GHz
RFIN2 to RFOUT2 at maximum gain
Gain
11.5
14.5
dB
vs. Frequency
±50 MHz
±0.5
±0.5
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
+2.5 to −4
+0.5 to −2
dB
Gain Range
HG mode
15
60
dB
Input Return Loss
−9.5
−9
dB
Output Return Loss
−21
−15
dB
Input 1 dB Compression
Point
3.5
5.5
dBm
Input Third Order Intercept
∆f = 1 MHz, PIN = −5 dBm/tone
14
15.5
dBm
Noise Figure
4.2
3.2
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com