Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5246ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5246ACPZN-R7
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5246ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
3 GHz Variable Gain LNA with Integrated
½ W Driver Amplifier
Data Sheet
ADL5246
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
RF output frequency range: 0.6 GHz to 3 GHz
Output IP3: 37 dBm at 2.2 GHz
Output P1dB: 28 dBm at 2.2 GHz
Noise figure of input amplifier: 1 dB at 2.2 GHz
Maximum gain: 31.5 dB at 2.2 GHz
Voltage variable attenuation range: 45 dB
0 V to 3.3 V attenuation control range
Integrated bypass switch for low noise VGA
Matched 50 Ω input stage
3.3 V to 5 V single supply
32-lead, 5 mm × 5 mm LFCSP package
APPLICATIONS
Multistandard radio receivers
Point to point Rx and Tx
Instrumentation
Military and aerospace
GENERAL DESCRIPTION
The ADL5246 is a high performance, low noise variable gain
amplifier (VGA) optimized for multistandard base station receivers
and point to point receive (Rx) and transmit (Tx) applications. The
low noise figure and excellent linearity performance allow the
device to be used in a variety of applications.
The device consists of a low noise amplifier, a high linearity
VGA, and a ½ W output driver stage. The variable attenuator
networks are optimized to provide high linearity performance
over the 45 dB gain control range. Gain is set using a unipolar
control voltage from 0 V to 3.3 V. The output stage of the ADL5246
is an externally tuned ½ W driver amplifier, which allows the
device to be optimized anywhere between the 0.6 GHz to 3 GHz
range, with an average tuning bandwidth of 200 MHz wide. An
external filter can be used between the VGA and the final driver
amplifier. The ADL5246 can be biased between 3.3 V and 5 V to
trade off between performance and power consumption.
The ADL5246 is fabricated on an advanced GaAs process. The
device is available in a 32-lead, RoHS compliant, 5 mm × 5 mm
LFCSP and thermally rated to operate over the −40°C to +105°C
temperature range.
FUNCTIONAL BLOCK DIAGRAM
ADL5246
RFIN1
RFOUT3
AMP1
AMP2
AMP3
EP
GND
NIC
VVA1
VVA2
RFOUT1
4
5
7
8
9
12 14 17 19 22
3
10 20 23 24 25 27 29 31
1
2
32
6
13
30
15
28
18
21
26
16
11
Figure 1.


Similar Part No. - ADL5246ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5240 AD-ADL5240 Datasheet
1Mb / 24P
100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. 0
ADL5240 AD-ADL5240 Datasheet
1Mb / 28P
100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
6/13-Rev. 0 to Rev. A
ADL5240-EVALZ AD-ADL5240-EVALZ Datasheet
1Mb / 24P
100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. 0
ADL5240-EVALZ AD-ADL5240-EVALZ Datasheet
1Mb / 28P
100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
6/13-Rev. 0 to Rev. A
ADL5240ACPZ-R7 AD-ADL5240ACPZ-R7 Datasheet
1Mb / 24P
100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. 0
More results

Similar Description - ADL5246ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2681 RFMD-RF2681 Datasheet
157Kb / 8P
W-CDMA LINEAR VARIABLE GAIN DRIVER AMPLIFIER
logo
Fairchild Semiconductor
RMM2080 FAIRCHILD-RMM2080 Datasheet
201Kb / 5P
2-18 GHz Wideband Variable-Gain Driver Amplifier
logo
TriQuint Semiconductor
TQM879008 TRIQUINT-TQM879008 Datasheet
1,014Kb / 11P
1.5-2.7GHz 쩍 W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028 Datasheet
548Kb / 8P
0.7.4.0 GHz 쩍 W Digital Variable Gain Amplifier
TQC9312 TRIQUINT-TQC9312_15 Datasheet
397Kb / 9P
3.3 ??3.8 GHz W Digital Variable Gain Amplifier
TQM829007 TRIQUINT-TQM829007_15 Datasheet
1,011Kb / 10P
0.6-1.0 GHz W Digital Variable Gain Amplifier
TQM879008 TRIQUINT-TQM879008_15 Datasheet
985Kb / 10P
1.5-2.7 GHz W Digital Variable Gain Amplifier
TQM879026 TRIQUINT-TQM879026_15 Datasheet
903Kb / 17P
0.7-4 GHz W Digital Variable Gain Amplifier
TQM879028 TRIQUINT-TQM879028_15 Datasheet
639Kb / 15P
0.7-4.0 GHz W Digital Variable Gain Amplifier
QPA1008 TRIQUINT-QPA1008 Datasheet
1Mb / 19P
2.7 ??3.8 GHz Variable Gain Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com