Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5246ACPZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5246ACPZN-R7
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246ACPZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5246ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADL5246
Data Sheet
Rev. A | Page 10 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
All supply pins at 5 V, TA = 25°C, unless otherwise noted.
–5
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
35
40
0.6
1.0
1.4
1.8
2.2
2.6
3.0
FREQUENCY (GHz)
GAIN, 5.0V
OIP3, 5.0V
NOISE FIGURE, 5.0V
GAIN, 3.3V
OIP3, 3.3V
NOISE FIGURE, 3.3V
OP1dB, 5.0V
OP1dB, 3.3V
Figure 3. AMP1 Gain, OIP3 at POUT = 0 dBm/Tone, Noise Figure,
and OP1dB vs. Frequency
0
8
16
24
32
40
48
0
4
8
12
16
20
24
0.6
0.8
1.0
1.2 1.4 1.6 1.8 2.0 2.2
2.4
2.6 2.8 3.0
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
TA = +105°C
Figure 4. AMP1 Gain vs. Frequency by Temperature
–40
–35
–30
–25
–20
–15
–10
–5
0
0.6
1.0
1.4
1.8
2.2
2.6
3.0
FREQUENCY (GHz)
S11, 5.0V
S12, 5.0V
S22, 5.0V
S11, 3.3V
S12, 3.3V
S22, 3.3V
Figure 5. AMP1 Magnitude of Input Return Loss (S11), Output Return Loss (S22),
and Reverse Isolation (S12) vs. Frequency
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
10
15
20
25
30
35
40
45
50
0.6
1.0
1.4
1.8
2.2
2.6
3.0
FREQUENCY (GHz)
OIP3, 3.3V
OIP3, 5.0V
OP1dB, 5.0V
TA = –40°C
TA = +25°C
TA = +85°C
TA = +105°C
OP1dB, 3.3V
Figure 6. AMP1 OIP3 at POUT = 0 dBm/Tone and OP1dB vs.
Frequency by Temperature
24
26
28
30
32
34
36
38
40
–10
–5
0
5
10
15
POUT (dBm)
0.9GHz, 5.0V
1.9GHz, 5.0V
2.6GHz, 5.0V
0.9GHz, 3.3V
1.9GHz, 3.3V
2.6GHz, 3.3V
Figure 7. AMP1 OIP3 vs. POUT by Frequency
0
0.5
1.0
1.5
2.0
2.5
3.0
0.6
1.0
1.4
1.8
2.2
2.6
3.0
FREQUENCY (GHz)
TA = –40°C, 3.3V
TA = +25°C, 5.0V
TA = +85°C, 3.3V
TA = +85°C, 5.0V
TA = +105°C, 5.0V
TA = –40°C, 5.0V
TA = +25°C, 3.3V
TA = +105°C, 3.3V
Figure 8. AMP1 Noise Figure vs. Frequency by Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com