Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5246ACPZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5246ACPZN-R7
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246ACPZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5246ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ADL5246
Data Sheet
Rev. A | Page 6 of 36
3.3 V
5 V
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
AMP3 FREQUENCY = 0.75GHz
RFIN3 to RFOUT3 pins
Gain
dB
vs. Frequency
±50 MHz
+0 to −1
+0 to −1.25
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
+0.5 to −1
+0.6 to −0.9
dB
vs. Supply
3.135 V to 3.465 V
+0.3 to −0.3
dB
4.75 V to 5.25 V
+0.05 to
−0.1
dB
Input Return Loss
S11
−10.5
−14
dB
Output Return Loss
S22
−10
−12.4
dB
Output 1 dB Compression
Point
26
28.8
dBm
Output Third Order Intercept
∆f = 1 MHz, POUT = 0 dBm/tone
31.8
41
dBm
Noise Figure
3.5
4.5
dB
AMP3 FREQUENCY = 0.9 GHz
RFIN3 to RFOUT3 pins
Gain
16.3
16.3
dB
vs. Frequency
±50 MHz
+0 to −0.7
+0 to −1
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
+0.6 to −0.8
+0.6 to −0.9
dB
vs. Supply
3.135 V to 3.465 V
+0.3 to −0.3
dB
4.75 V to 5.25 V
+0.05 to
−0.15
dB
Input Return Loss
S11
−11.5
−13.5
dB
Output Return Loss
S22
−12.5
−13.5
dB
Output 1 dB Compression
Point
25.5
29
dBm
Output Third Order Intercept
∆f = 1 MHz, POUT = 0 dBm/tone
33.8
41.4
dBm
Noise Figure
3.3
4.3
dB
AMP3 FREQUENCY = 1.9 GHz
RFIN3 to RFOUT3 pins
Gain
12.8
13.8
dB
vs. Frequency
±100 MHz
0 to −2
0 to −1.5
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
+0.7 to −1
+0.7 to −1
dB
vs. Supply
3.135 V to 3.465 V, 4.75 V to 5.25 V
+0.3 to −0.2
0 to −0.2
dB
Input Return Loss
S11
−14
−14
dB
Output Return Loss
S22
−16
−18
dB
Output 1 dB Compression
Point
24.5
28.5
dBm
Output Third Order Intercept
∆f = 1 MHz, POUT = 0 dBm/tone
30.5
37.8
dBm
Noise Figure
5.8
6.1
dB
AMP3 FREQUENCY = 2.2 GHz
RFIN3 to RFOUT3 pins
Gain
12
12.8
dB
vs. Frequency
±100 MHz
0 to −1.75
0 to −1.8
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
+1 to −1
+1 to −1
dB
vs. Supply
3.135 V to 3.465 V, 4.75 V to 5.25 V
+0.4 to −0.2
0 to −0.3
dB
Input Return Loss
S11
−14
−15.5
dB
Output Return Loss
S22
−16
−18
dB
Output 1 dB Compression
Point
25
28.8
dBm
Output Third Order Intercept
∆f = 1 MHz, POUT = 0 dBm/tone
28
37
dBm
Noise Figure
5.4
5.9
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com