Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5246ACPZN-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADL5246ACPZN-R7
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246ACPZN-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADL5246ACPZN-R7 Datasheet HTML 27Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 28Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 29Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 30Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 31Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 32Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 33Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 34Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Data Sheet
ADL5246
Rev. A | Page 31 of 36
GND
GND
GND TO PADDLE
GND
ADL5246
VSW1
VSW1
RFIN1
RFOUT2
NIC
RFIN3
GND
NIC
NIC
NIC
NIC
NIC
GND
NIC
R9
R8
R11
R10
R7
R6
L6
R3
C15
C14
C11
C6
R2
R5
R4
L4
L2
C8
C3
L3
L1
C1
VPOS2
VCC1
VPOS1
VGAIN2
VGAIN1
VSW1
VCC2
R1
L5
C31
C32
L8
C34
C33
C29
C30
C28
C27
GND3
GND2
GND1
RFIN2
C13
C9
C26
C25
RFOUT3
C23
C24
C20
C17
C16
C21
RFIN3
RFOUT2
C22
C19
C18
C12
C10
RFOUT1
C5
C41
C40
RFIN1
C7
C4
C2
24
23
22
21
20
19
18
17
8
7
6
5
4
3
2
1
U1
DNI
1.5pF
100pF
100pF
100pF
0.1µF
0.1µF
1000pF
DNI
DNI
DNI
100pF
DNI
DNI
DNI
DNI
DNI
DNI
0.1µF
100pF
DNI
100pF
1000pF
1000pF
100pF
100nH
100nH
100pF
100pF
100pF
100pF
100pF
0.1µF
1000pF
100pF
100nH
100pF
10nH
2.7pF
VPOS
VPOS
1nH
DNI
DNI
DNI
0Ω
L7
DNI
0Ω
0Ω
0Ω
0Ω
0Ω
100Ω
100Ω
100Ω
100Ω
0Ω
λ2
λ1
λ3
Figure 82. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com