Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5246ACPZN-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5246ACPZN-R7
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246ACPZN-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5246ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
ADL5246
Data Sheet
Rev. A | Page 20 of 36
50
100
150
200
250
350
300
400
–10
–5
0
5
10
15
20
25
30
POUT (dBm)
TA = –40°C, 5.0V
TA = +25°C, 5.0V
TA = +105°C, 5.0V
TA = –40°C, 3.3V
TA = +25°C, 3.3V
TA = +105°C, 3.3V
Figure 63. AMP3 Supply Current vs. POUT by Temperature
13.0
12.5
12.0
11.5
11.0
10.5
10.0
20
15
10
5
0
AMP1 GAIN (dB)
REPRESENTS THREE
BATCH LOTS
Figure 64. AMP1 Gain Distribution at 2.2 GHz
24.0
23.5
23.0
22.5
22.0
21.5
21.0
20.5
20.0
40
30
20
10
0
AMP1 OP1dB (dBm)
REPRESENTS THREE
BATCH LOTS
Figure 65. AMP1 OP1dB Distribution at 2.2 GHz
41
40
39
38
37
36
35
25
20
15
10
5
0
AMP1 OIP3 (dB)
REPRESENTS THREE
BATCH LOTS
Figure 66. AMP1 OIP3 Distribution at 2.2 GHz, POUT = 0 dBm/Tone
1.20
1.15
1.10
1.05
1.00
0.95
0.90
25
20
15
10
5
0
AMP1 NOISE FIGURE (dB)
REPRESENTS THREE
BATCH LOTS
Figure 67. AMP1 Noise Figure Distribution at 2.2 GHz
14.0
13.5
13.0
12.5
12.0
11.5
11.0
35
30
25
20
15
10
5
0
AMP3 GAIN (dB)
REPRESENTS THREE
BATCH LOTS
Figure 68. AMP3 Gain Distribution at 2.2 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com