Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5246ACPZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5246ACPZN-R7
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246ACPZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5246ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
ADL5246
Data Sheet
Rev. A | Page 14 of 36
0
5
10
15
20
25
30
35
40
45
50
0.70 0.71 0.72 0.73 0.74 0.75 0.76 0.77 0.78 0.79 0.80
FREQUENCY (GHz)
5V
3.3V
GAIN
OP1dB
OIP3
NOISE FIGURE
Figure 27. AMP3 0.75 GHz Gain, OIP3 at POUT = 0 dBm/Tone, OP1dB and
Noise Figure vs. Frequency
12
14
16
18
20
22
24
26
28
12
13
14
15
16
17
18
19
20
0.70 0.71 0.72 0.73 0.74 0.75 0.76 0.77 0.78 0.79 0.80
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
TA = +105°C
Figure 28. AMP3 0.75 GHz Gain vs. Frequency by Temperature
–35
–30
–25
–20
–15
–10
–5
0
0.65
0.70
0.75
0.80
0.85
FREQUENCY (GHz)
S11 (dB)
S12 (dB)
S22 (dB)
Figure 29. AMP3 0.75 GHz Magnitude of Input Return Loss (S11),
Output Return Loss (S22), and Reverse Isolation (S12) vs. Frequency
20
25
30
35
40
45
50
0.70 0.71 0.72 0.73 0.74 0.75 0.76 0.77 0.78 0.79 0.80
FREQUENCY (GHz)
OIP3, 5V
OIP3, 3.3 V
OP1dB, 3.3 V
OP1dB, 5V
TA = –40°C
TA = +25°C
TA = +85°C
TA = +105°C
Figure 30. AMP3 0.75 GHz OIP3 at POUT = 0 dBm/Tone and OP1dB vs.
Frequency by Temperature
30
32
34
36
38
40
42
44
46
48
50
–10
–5
0
5
10
15
20
POUT (dBm)
5V
3.3V
0.70GHz
0.75GHz
0.80GHz
Figure 31. AMP3 0.75 GHz OIP3 vs. POUT by Frequency
2
3
4
5
6
7
0.70 0.71 0.72 0.73 0.74 0.75 0.76 0.77 0.78 0.79 0.80
FREQUENCY (GHz)
5V
3.3V
–40°C
+25°C
+85°C
+105°C
Figure 32. AMP3 0.75 GHz Noise Figure vs. Frequency by Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com