Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5246ACPZN-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5246ACPZN-R7
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246ACPZN-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5246ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Data Sheet
ADL5246
Rev. A | Page 17 of 36
0
5
10
15
20
25
30
35
40
2.10
2.15
2.20
2.25
2.30
FREQUENCY (GHz)
GAIN, 5.0V
OP1dB, 5.0V
OIP3, 5.0V
NOISE FIGURE, 5.0V
GAIN, 3.3V
OP1dB, 3.3V
OIP3, 3.3V
NOISE FIGURE, 3.3V
Figure 45. AMP3 2.2 GHz Gain, OIP3 at POUT = 0 dBm/Tone, OP1dB, and
Noise Figure vs. Frequency
4
8
12
16
20
24
28
32
2
4
6
8
10
12
14
16
2.10
2.15
2.20
2.25
2.30
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
TA = +105°C
Figure 46. AMP3 2.2 GHz Gain vs. Frequency by Temperature
–30
–25
–20
–15
–10
–5
0
2.10
2.15
2.20
2.25
2.30
FREQUENCY (GHz)
S11 (dB)
S12 (dB)
S22 (dB)
Figure 47. AMP3 2.2 GHz Input Return Loss (S11), Output Return Loss (S22),
and Reverse Isolation (S12) vs. Frequency
2.10
2.15
2.20
2.25
2.30
FREQUENCY (GHz)
OIP3, 5.0V
OP1dB, 3.3V
20
22
24
26
28
30
32
34
26
28
30
32
34
36
38
40
OP1dB, 5.0V
TA = –40°C
TA = +25°C
TA = +85°C
TA = +105°C
OIP3, 3.3V
Figure 48. AMP3 2.2 GHz OIP3 at POUT = 0 dBm/Tone and OP1dB vs.
Frequency by Temperature
20
25
30
35
40
45
–10
–5
0
5
10
15
20
POUT (dBm)
2.1GHz, 5.0V
2.2GHz, 5.0V
2.3GHz, 5.0V
2.1GHz, 3.3V
2.2GHz, 3.3V
2.3GHz, 3.3V
Figure 49. AMP3 2.2 GHz OIP3 vs. POUT by Frequency
3
4
5
6
7
8
9
2.10
2.15
2.20
2.25
2.30
FREQUENCY (GHz)
TA = –40°C, 5.0V
TA = +25°C, 5.0V
TA = +85°C, 5.0V
TA = +105°C, 5.0V
TA = –40°C, 3.3V
TA = +25°C, 3.3V
TA = +85°C, 3.3V
TA = +105°C, 3.3V
Figure 50. AMP3 2.2 GHz Noise Figure vs. Frequency by Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com