Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5246ACPZN-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5246ACPZN-R7
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246ACPZN-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5246ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet
ADL5246
Rev. A | Page 21 of 36
32.0
31.5
31.0
30.5
30.0
29.5
29.0
28.5
28.0
27.5
27.0
26.5
26.0
25
20
15
10
5
0
AMP3 OP1dB (dBm)
REPRESENTS THREE
BATCH LOTS
Figure 69. AMP3 OP1dB Distribution, 2.2 GHz
39.0
38.5
38.0
37.5
37.0
36.5
36.0
35.5
35.0
34.5
34.0
25
20
15
10
5
0
AMP3 OIP3 (dB)
REPRESENTS THREE
BATCH LOTS
Figure 70. AMP3 OIP3 Distribution at 0 dBm/Tone, 2.2 GHz
7.5
7.0
6.5
6.0
5.5
5.0
4.0
4.5
30
25
20
15
10
5
0
AMP3 NOISE FIGURE (dB)
REPRESENTS THREE
BATCH LOTS
Figure 71. AMP3 Noise Figure Distribution, 2.2 GHz
–50
–40
–30
–20
–10
0
10
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VGAIN1, VGAIN2 (V)
REPRESENTS THREE
BATCH LOTS
Figure 72. Distribution of AMP2 Gain vs. VGAIN1, VGAIN2 at 1.5 GHz, 5 V Supply,
HG, Both Gain Controls Varied, VGAIN1 = VGAIN2
–50
–40
–30
–20
–10
0
0
0.5
1
1.5
2
2.5
3
3.5
VGAIN1, VGAIN2 (V)
REPRESENTS THREE
BATCH LOTS
Figure 73. Distribution of AMP2 Gain vs. VGAIN1, VGAIN2 at 1.5 GHz, 5 V Supply,
LG, Both Gain Controls Varied, VGAIN1 = VGAIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com