Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5246ACPZN-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5246ACPZN-R7
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246ACPZN-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5246ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
ADL5246
Rev. A | Page 7 of 36
3.3 V
5 V
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
AMP3 FREQUENCY = 2.6 GHz
RFIN3 to RFOUT3 pins
Gain
10.3
11.1
dB
vs. Frequency
±100 MHz
0 to −1.8
0 to −1.4
dB
vs. Temperature
−40°C ≤ TA ≤ +105°C
+1 to −1.2
+1 to −1.2
dB
vs. Supply
3.135 V to 3.465 V, 4.75 V to 5.25 V
+0.4 to −0.1
0 to −0.3
dB
Input Return Loss
S11
−10
−10
dB
Output Return Loss
S22
−17
−17
dB
Output 1 dB Compression
Point
22.5
27
dBm
Output Third Order Intercept
∆f = 1 MHz, POUT = 0 dBm/tone
30
38
dBm
Noise Figure
7.5
7.8
dB
FULL CHAIN FREQUENCY =
2.2 GHz
AMP1
→AMP2→AMP3, AMP2 at
maximum gain
Gain
27.5
31.5
dB
vs. Frequency
±100 MHz
0 to −1.4
0 to −1.6
dB
Gain Range
HG mode
13
44
dB
Input Return Loss
S11
−6
−9
dB
Output Return Loss
S22
−13
−16
dB
Output 1 dB Compression
Point
24
28
dBm
Output Third Order Intercept
∆f = 1 MHz, POUT = 5 dBm/tone
29
37
dBm
Noise Figure
1.8
1.5
dB
LOGIC INPUTS
Pin VSW1 and Pin VSW1
Logic Level Low
Maximum voltage for a logic low
0.8
0.8
V
Logic Level High
Minimum voltage for a logic high
1.8
1.8
V
Bias Current, VSW1
V
VSW1 = 0 V
<1
<1
μA
V
VSW1 = 3.3 V
290
290
μA
Bias Current, VSW1
VVSW1 = 0 V
<1
<1
μA
VVSW1 = 3.3 V
<1
<1
μA
GAIN CONTROL INTERFACE
Pin VGAIN1 and Pin VGAIN2
VGAIN Minimum
Minimum gain control voltage
0
0
V
VGAIN Maximum
Maximum gain control voltage
3.3
3.3
V
Bias Current
VGAIN1, VGAIN2 = 0 V
−120
−120
μA
VGAIN1, VGAIN2 = 3.3 V
190
190
μA
Input Resistance
10.6
10.6
kΩ
POWER SUPPLIES
Voltage
3.135
3.3
3.465
4.75
5
5.25
V
Total Supply Current
All three amplifiers active,
maximum gain
141
270
mA
LG mode, VGAIN1 = VGAIN2 = 0 V
105
211
mA
Individual Supply Currents
AMP1
37
59
mA
AMP2 (VPOS1 only, HG mode)1
37
59
mA
AMP2 (VPOS1 only, LG mode)1
<1
<1
mA
VPOS2, VGAIN1 = VGAIN2 = 0 V1
6
13
mA
VPOS2, VGAIN1 = VGAIN2 = 3.3 V1
9.5
17
mA
AMP3 (output bias only)2
61
139
mA
1
VPOS1 and VPOS2 are both required for AMP2 functionality.
2
VPOS2 and AMP3 output bias are both required for AMP3 functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com