Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5246ACPZN-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5246ACPZN-R7
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246ACPZN-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5246ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Data Sheet
ADL5246
Rev. A | Page 9 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NIC = NO INTERNAL CONNECTION.
2. THE EXPOSED PADDLE (EP) MUST BE SOLDERED
TO A LOW IMPEDANCE GROUND PLANE.
24 GND
23 GND
22 NIC
21 RFIN3
20 GND
19 NIC
18 RFOUT2
17 NIC
1
2
3
4
5
6
7
8
GND
RFIN1
GND
NIC
NIC
VSW1
NIC
NIC
ADL5246
TOP VIEW
EXPOSED PAD
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 10, 20, 23, 24,
25, 27, 29, 31, EP
GND
Ground. The exposed paddle (EP) and ground pins must be soldered to a low impedance ground plane.
2
RFIN1
RF Input. This pin requires a dc blocking capacitor. Use a 100 pF capacitor for normal operation.
4, 5, 7, 8, 9, 12,
14, 17, 19, 22
NIC
No Internal Connection. These pins are not connected to internal circuitry. The user may optionally solder
to a low impedance ground plane for grounding, shielding, and printed circuit board (PCB) trace
impedance continuity.
6
VSW1
Bypass Switch Control. Logic low = 0 V, and logic high = 3.3 V. Switch logic is shown in Table 5.
11
VPOS1
Bias for the AMP2 LNA. Connect this pin to the dc supply voltage through an RF choke.
13
VSW1
Bypass Switch Control. Logic low = 0 V, and logic high = 3.3 V. Switch logic is shown in Table 5.
15
VGAIN1
Gain Control for VVA1. The gain control range is 0 V to 3.3 V.
16
VGAIN2
Gain Control VVA2. The gain control range is 0 V to 3.3 V.
18
RFOUT2
RF Output of the Voltage Variable Attenuator (VVA) Block.
21
RFIN3
Driver Amplifier Input. This pin requires a dc blocking capacitor. Use a 100 pF capacitor for normal operation.
26
RFOUT3
Driver Amplifier Output. Connect this pin to a dc supply through an RF choke.
28
VPOS2
Bias for VVA1, VVA2, and the AMP3 Bias Circuit. Connect this pin to the dc supply voltage through an RF choke.
30
RFIN2
RF Input to the VGA Block.
32
RFOUT1
Low Noise Amplifier Output. Connect this pin to a dc supply through an RF choke.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com