Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5246ACPZN-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5246ACPZN-R7
Description  3 GHz Variable Gain LNA with Integrated 쩍 W Driver Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5246ACPZN-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5246ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 25Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 26Page - Analog Devices ADL5246ACPZN-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Data Sheet
ADL5246
Rev. A | Page 23 of 36
THEORY OF OPERATION
BASIC CONNECTIONS
The basic connections for operating the ADL5246 are shown in
Figure 74. The schematic of AMP3 is configured for operation
at 2.2 GHz.
Amplifier 1 (AMP1)
AMP1 in the ADL5246 is a broadband low noise amplifier. The
radio frequency (RF) input is internally matched to 50 Ω and
optimally matched for the minimum noise figure and is
unconditionally stable. The RF output is internally matched for 50
Ω. The RF inputs and outputs require dc blocking capacitors (C8
and C9) for operation. DC bias is supplied through Inductor L1
and is connected to the RFOUT1 pin. Three decoupling capacitors
(C40, C41, and C5) prevent RF signals from propagating on the dc
supply lines. The value of L1 must be high enough to isolate the
bias from RF; however, the exact value is not critical for operation.
The self resonance of L1 has little effect upon the operation of
AMP1, within reasonable limits. AMP1 is completely independent
from the rest of the ADL5246 and may be left unpowered if not
needed. When AMP1 is not in use, terminate the RFIN1 and
RFOUT1 pins to ground via a 100 pF capacitor and a 50 Ω
resistor in series on each pin.
Amplifier 2 (AMP2)
AMP2 is a 50 Ω internally matched RF VGA consisting of two
VVAs with an LNA in between them. RFIN2 and RFOUT2 are
internally ac-coupled with a 20 pF on-chip capacitor. The LNA
has an integral bypass switch that allows the user to choose
between a low gain range and a high gain range. When the LNA is
bypassed, it is also not powered, reducing the supply current by
approximately 59 mA.
Each VVA may be controlled independently or in tandem via
VGAIN1 and VGAIN2. Bias is supplied to AMP2 via VPOS1 and
VPOS2. VPOS1 provides the bias to the amplifier circuit, and
VPOS2 provides bias to the VVAs. Therefore, both VPOS1 and
VPOS2 must be connected to bias to operate AMP2.
Inductors L2 and L3 with capacitors C2, C4, C7, C16, C17, and
C20 prevent RF signals from propagating on the dc supply lines.
The L2 value has some bearing on the gain of AMP2, with the
10 nH value giving an unhindered frequency response as low as
approximately 0.6 GHz.
AMP2 is sensitive to capacitance on the VPOS2 bias line. Place all
bypass capacitors as shown in Figure 74. Excessive capacitance
between L3 and Pin 28 (VPOS2) can cause undesirable gain loss.
When AMP2 is not in use, terminate the RFIN2 and RFOUT2
pins to ground via a 100 pF capacitor and a 50 Ω resistor in series
on each pin.
Table 5. Bypass Switch Logic
Mode
VSW1
VSW1
Undefined
0
0
High Gain Mode
0
1
Low Gain Mode
1
0
Undefined
1
1
RFIN1
RFOUT1
VCC1
RFIN2
VSW1
VSW1 VGAIN2
VPOS1
VGAIN1
100pF
λ1
λ2
C40
0.1µF
C41
1000pF
C5
100pF
GND1 GND2 GND3
L1
100nH
C9
100pF
RFOUT3
C8
C13
100pF
C14
100pF
R4
100Ω
R1
0Ω
L3
100nH
C3
1.5pF
C21
100pF
L6
1nH
ADL5246
AMP1
AMP2
AMP3
EP
GND
NIC PINS
TIE TO GND
VVA1
VVA2
4
5
7
8
9 12 14 17 19 22
3 10 20 23 24 25 27 29 31
1
2
32
6
13
30
15
28
18
21
26
16
11
C2
0.1µF
C4
1000pF
C7
10pF
L2
10nH
C1
2.7pF
C20
0.1µF
C17
1000pF
C16
100pF
C22
100pF
C6
100pF
R2
100Ω
C11
100pF
R3
100Ω
C15
100pF
RFOUT2
RFIN3
R5
100Ω
VPOS2
L4
100nH
C23
100pF
C26
0.1µF
C25
1000pF
C24
100pF
VCC2
λ3
Figure 74. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com