Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM-YROTATE-IT-RX62T Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # UM-YROTATE-IT-RX62T
Description  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button UM-YROTATE-IT-RX62T Datasheet HTML 29Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 30Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 31Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 32Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 33Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 34Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 35Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 36Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 33 of 51
Jan 15, 2014
17. PWM modulation technique
Among the various possibilities, a particular form of PWM modulation was chosen. In this modulation technique, the
voltages to be imposed are shifted in order to have in every moment one of the three phases of the motor
connected to the system ground. This allows reducing the commutations of the power bridge of one third, in respect
to other modulation techniques. In fact the phase that is connected to the system ground doesn’t require any
commutation, having the lower arm always on and the upper arm always off.
The method is based on the fact that, having no neutral connection, we are interested only in phase-to-phase
voltages, or in the voltage differences between the phases, not in the voltage level of the single phases. This allows
us to add or subtract an arbitrary quantity to the phase voltages, on condition that this quantity is the same for all
the three phases. So, obtained from the algorithm the three phase voltages requests, the minimum is chosen and it
is subtracted to all the three requests.
With this method, the applied voltage star center is not at a fixed level, but it is moving.
The maximum phase-to-phase voltage that can be obtained (without distortion of the sinusoidal waveform) with this
method is equal to the DC Link voltage, as in other methods (like Space Vector Modulation).
VBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com