Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM-YROTATE-IT-RX62T Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # UM-YROTATE-IT-RX62T
Description  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button UM-YROTATE-IT-RX62T Datasheet HTML 45Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 46Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 47Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 48Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 49Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 50Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 51Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 52Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 49 of 51
Jan 15, 2014
Label(s)
Type
Description
Unit
errint
float
Speed PI integral memory
ampere
kp_cur, ki_cur
float
Proportional and integral constant in current PI controllers.
volt/ampere
kp_vel, ki_vel
float
Proportional and integral constant in speed PI controller.
ampere/(rad/s)
freq
float
Electrical frequency.
hertz
mec_rpm
float
Mechanical speed.
rpm
rpmrif_x
float
Reference speed (speed ramp input value).
rpm
rpmrif_y
float
Reference speed (speed ramp output value).
rpm
rpmrif_abs
float
Absolute value of rpmrif_y.
rpm
r_acc, r_dec
float
Acceleration ramp, deceleration ramp.
rpm/s
rpm_min,
rpm_max
float
Minimum and maximum allowed speed.
rpm
min_speed,
max_speed
float
Minimum and maximum electrical speed.
rad/s
min_speed_trip,
max_speed_trip
float
Minimum and maximum electrical speed (values used for
estimation error detection).
rad/s
Speed_est
float
Estimated electrical speed.
rad/s
omrif, f_omrif
float
Reference electrical speed (instant and filtered values).
rad/s
omegae,
omegae_f, omf
float
Imposed electrical speed (instant and filtered values).
rad/s
maxerr
float
Maximum electrical speed error.
rad/s
vbus_ulpkt_slow,
vbus_ulpkt_fast
float
One divided by K, where K is the time constant of the vbus low-
pass filter (slow and fast).
1/s
speedref_ulpkt
float
One divided by K, where K is the time constant of the speed
reference low-pass filter.
1/s
startup_ulpkt
float
One divided by K, where K is the time constant of the startup
low-pass filter.
1/s
off_ulpkt
float
One divided by K, where K is the time constant of the current
offsets low-pass filter.
1/s
vr_ulpkt
float
One divided by K, where K is the time constant of the board
reference voltage low-pass filter.
1/s
duty_u, duty_v,
duty_w
signed
short
PWM duty cycles for the three phases.
MTU pulses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com