Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM-YROTATE-IT-RX62T Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UM-YROTATE-IT-RX62T
Description  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T Datasheet(HTML) 4 Page - Renesas Technology Corp

  UM-YROTATE-IT-RX62T Datasheet HTML 1Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 2Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 3Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 4Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 5Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 6Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 7Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 8Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 4 of 51
Jan 15, 2014
2. Hardware overview
The Motor Control kit is a single board inverter, based on the new RX series microcontroller RX62T. The hardware
includes a low-voltage MOSFETs power stage, and a communication stage.
The ordering part name of the kit is: YROTATE-IT-RX62T. The latest updates of the kit material are available on the
webpage: http://tinyurl.com/YROTATE-IT-RX62T
To obtain the maximum flexibility, the reference board includes:
• A complete 3-phase inverter on-board with a low voltage motor, so it becomes easy to test the powerful
sensorless algorithm on the RX62T
• USB communication with the PC via a H8S2212 microcontroller
• Connectors for hall sensors and encoder connections
• Compatibility with the existing Motor Control Reference Platforms MCRP05/06 power stage available at
Renesas.
To achieve these aims, an independent communication stage was implemented, based on the Renesas
microcontroller H8S2212, which performs the USB to serial conversion.
The two serial lines RX and TX are fully insulated
COMMUNICATION
STEP-DOWN
STEP_UP
EXTERNAL POWER
STAGE INTERFACE
POWER STAGE
CONTROL STAGE
Signals conditioning
HALL, ENCODER
ISOLATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com