Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM-YROTATE-IT-RX62T Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # UM-YROTATE-IT-RX62T
Description  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button UM-YROTATE-IT-RX62T Datasheet HTML 12Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 13Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 14Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 15Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 16Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 17Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 18Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 19Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 16 of 51
Jan 15, 2014
Large-capacity flash memory units capable of high-speed operation are included as on-chip memory, significantly
reducing the cost of configuring systems.
The main application fields of this microcontroller are: industrial equipment, household electrical appliances,
machines requiring motor control, and inverter-powered machines.
Please find below the block diagram of the RX62T and the role of each peripherals.
Watchdog timer x 2 ch
(One of two includes the LOCO)
DTC
SCI x 3 ch
SPI x 1ch
I
2
C x 1 ch
I/O ports
16-bit timer x 4 ch (CMT)
10-bit ADC x 12ch
RCAN x 1ch
POR/LVD
OCO (Low speed)
CRC
RX CPU
100MHz
2.7~3.6V (4.0-5.5V)
FPU
Flash
Data Flash 8KB
RAM
Multiplier-divider and
multiplier-accumulator
Protection
- External input (POE)
-Clock stop detection
-Clock monitoring
3ph. PWM with dead time
(Use two 16-bit timer ch3&4)
1 or 2 Encoder Input
(Use 1or2 16-bit timer ch1/2)
Hall sensor / BEMF Input
(Use one 16-bit timer ch0)
Dead time compensation
(Use one 16-bit timer ch5)
3ph. PWM with dead time
(Use two 16-bit timer ch6&7)
MTU3
12bit AD
4ch
Self diagnostic
POE
1ph, PWM with dead time
Inverter control,PFC etc
GPT
1ph, PWM with dead time
Inverter control,PFC etc
1ph, PWM with dead time
Inverter control,PFC etc
1ph, PWM with dead time
Inverter control,PFC etc
12bit AD
4ch
Self diagnostic
6 OpAmp
6 comp
IPM
fault
Shunts reading
PMAC
Motor
M
M
Serial communication
Maximum current &
V
BUS management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com