Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM-YROTATE-IT-RX62T Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # UM-YROTATE-IT-RX62T
Description  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button UM-YROTATE-IT-RX62T Datasheet HTML 8Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 9Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 10Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 11Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 12Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 13Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 14Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 15Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 12 of 51
Jan 15, 2014
clamped with a diode directly connected with the microcontroller power supply, so a suitable series
resistance is needed in the power stage to avoid damages to the board.
c) A further connector (J12) can be used to supply the board from the power stage or vice-versa (making a
short circuit between the pins 1 and 2 of the jumper JP5); also the board 5V can be made available to the
power board (making a short circuit between the pins 3 and 4 of JP5), but not vice-versa, because they are
directly connected to the step-down switching supply of the board. The ground connection is always on, and
it represents the reference for all the interface signals.
In the next figure a simple example regarding how the power board has to be arranged is presented: the power
supply comes from the supply connector, and the supply for power module is derived from it. The external supply is
also used to supply the microcontroller board through the connector J12A (and the jumper JP5 in microcontroller
board); the 5V supply for current sensors and for the signal polarization is derived from the microcontroller board,
through J12A (and JP5). The PWM drive signals are taken from J11A, while the current sensing signals and the bus
voltage measurement are brought to J13A (the phase commutation signals and the temperature sensing signal are
not reported for sake of simplicity).
Please refer to the complete schematics for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com