Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM-YROTATE-IT-RX62T Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UM-YROTATE-IT-RX62T
Description  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UM-YROTATE-IT-RX62T Datasheet HTML 6Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 7Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 8Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 9Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 10Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 11Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 12Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 13Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 10 of 51
Jan 15, 2014
7. Interface with an external power stage
Since internal power stage allows only the management of small motors, an interface with an external power stage
was added to the PCB. This was made easy due to the presence in the microcontroller of several timer sections that
make it possible to manage up to two 3-phase Brushless AC motors at the same time.
Please find below the schematics of the connectors present in the board, used for connecting an external power
stage.
+5V
1
3
2
4
VBUS-EXT
CONN. J12
1
3
5
7
9
11
13
15
2
4
6
8
10
12
14
16
JUMPER JP5
CONN. J11
1
3
5
7
9
11
13
15
2
4
6
8
10
12
14
16
MTIOC3D (UP53) PHASE U LOWER PWM DRIVE SIGNAL
MTIOC4C (UP52) PHASE V LOWER PWM DRIVE SIGNAL
MTIOC4D (UP51) PHASE W LOWER PWM DRIVE SIGNAL
MTIOC3B (UP56) PHASE U UPPER PWM DRIVE SIGNAL
MTIOC4A (UP55) PHASE V UPPER PWM DRIVE SIGNAL
MTIOC4B (UP54) PHASE W UPPER PWM DRIVE SIGNAL
POE0 (UP57) HARDWARE ALARM SIGNAL
+5V
NM
100R
10N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com