Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM-YROTATE-IT-RX62T Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # UM-YROTATE-IT-RX62T
Description  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button UM-YROTATE-IT-RX62T Datasheet HTML 36Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 37Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 38Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 39Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 40Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 41Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 42Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 43Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 40 of 51
Jan 15, 2014
You can adjust manually the parameters to obtain an even better step response and also increase the step current
level by increasing the percentage of “Cur. [%] to 90%. The default value is 50%.
Once it’s done, the window can be closed as the proportional and integral coefficients of the PI current are tuned.
i) Perform an auto-identification of the motor parameters by clicking on “Motor Identification” and click “start”:
And accept the results to store them into the EEPROM.
The stator resistance, the synchronous inductance and the Permanent Magnet flux have been measured and tuned.
j) Now please click on “parameters settings” and enter the number of pole pairs: 2 (parameter n°5) and enter a
minimum speed or 1000 RPM (15Hz of a one pole pair motor).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com