Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM-YROTATE-IT-RX62T Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # UM-YROTATE-IT-RX62T
Description  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button UM-YROTATE-IT-RX62T Datasheet HTML 41Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 42Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 43Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 44Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 45Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 46Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 47Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 48Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 45 of 51
Jan 15, 2014
Troubleshooting:
At the stage i) if the motor doesn’t start or generate an alarm n°3, please set the speed to “0” to clear the alarm
which indicates that the software lost the phase. One first test is to increase or decrease the start-up current and the
minimum speed or the speed PI gains
When the motor is running, you can verify the number of pole pairs taking measurement of the effective speed, and
comparing it with the imposed frequency: the number of pole pairs n is: n=freq*60/speed; if you change the number
of pole pairs, remember to adjust also the minimum (and maximum) speed values.
Sometimes the no load start-up is easier if the inductance parameter is set to 0.
All the procedure is tuned to manage motors which maximum current is close to the inverter capability, which is
around 6Arms for the external power stage (shunt=0.05Ohm) and 3Arms for the internal power stage
(shunt=0.1Ohm); if you try to use it for very different motors, the results will be influenced by the losses in current
reading resolution.
Another possible trick when the things are very difficult, is trying to increase the flux feedback gain; sometimes I
used 500 instead of 100.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com