Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM-YROTATE-IT-RX62T Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # UM-YROTATE-IT-RX62T
Description  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button UM-YROTATE-IT-RX62T Datasheet HTML 42Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 43Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 44Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 45Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 46Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 47Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 48Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 49Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 46 of 51
Jan 15, 2014
20. List of motors tuned automatically using the PC GUI
Please find below a short list of AC Brushless motors tuned automatically using the auto-tuning procedure described above.
For each motor a specific text file is available to be loaded onto the PC GUI.
Part-name
ECI 24.42
BD35F
BLDC15P06
BLDC58-50L
MB057GA240
FL28BL38
Motor maker
EBM-PAPST
Danfoss Compressor
PMDM Minebea
Premotec
Speeder Motion
Fulling Motor
Voltage
24V
24V
12V
24V
50V
24V
Maximum Speed in RPM
3000
3500
12000
12000
5000
13000
Polar Couples
2
2
2
2
2
2
Startup Current in Apk/1000
1000
1000
1000
1000
875
200
Maximum Current Apk/1000
6000
3000
3000
3000
3500
400
Stator Resistance in Ohm/100
38
125
45
30
63
220
Synchronous inductance in Henry/10000
6
12
5
3
17
25
Permanent Magnets Flux in Weber/10000
178
333
42
52
264
30
Current PI - Prop. Coefficient: Kp
18
73
4
10
80
30
Current PI -Integ. Coefficient: Ki
40
80
10
20
215
20
Speed Loop Kp
30
30
50
40
175
120
Speed Loop Ki
400
400
100
300
1400
50
Flux Feedback Gain
400
100
400
400
100
500
Filename in csv format
EBMPAPST_ECI_24.42_24V_3000RPM
DANFOSS_BD35F_24V_3500RPM
MINEBEA_BLDC15_12V_12000RPM
PREMOTEC_BLDC58_24V_12000RPM
SPEEDERMOTION_MB057GA240_5000RPM
FULLING_FL28BL38_13000RPM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com