Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM-YROTATE-IT-RX62T Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # UM-YROTATE-IT-RX62T
Description  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button UM-YROTATE-IT-RX62T Datasheet HTML 13Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 14Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 15Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 16Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 17Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 18Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 19Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 20Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 17 of 51
Jan 15, 2014
10. Permanent magnets AC Brushless motor model
The synchronous permanent magnets motor (e.g. sinusoidal Brushless motor) is widely used in the industry. More
and more home appliance makers are now using such AC Brushless motor, mainly because of the intrinsic motor
efficiency.
The permanent magnet motor is made with few components:
1. A stator formed by stacking sheared metal plates where internally the copper wiring is wound, constructing
the stator winding
2. A rotor in which permanent magnets are fixed
3. Two covers with ball bearings that keep together the stator and the rotor; the rotor is free to rotate inside
the stator
The working principle is quite simple: if we supply the motor with a three-phase system of sinusoidal voltages, at
constant frequency, in the stator windings flow sinusoidal currents, which create a rotating magnetic field.
The permanent magnets in the rotor tend to stay aligned with the rotating field, so the rotor rotates at synchronous
speed.
The main challenge in driving this type of motor is to know the rotor position in real-time, so mainly implementation
are using a position sensor or a speed sensor.
In our implementation, the system is using either one or three shunts to detect the rotor position in real-time.
Let’s analyse the motor from a mathematic point of view.
If we apply three voltages va(t), vb(t), vc(t) to the stator windings, the relations between phase voltages and currents
are:
+
+
+
va
vb
vc
ia
ic
ib
“a” winding
How current flows
into “a” winding
“a” winding
magnetic axis
“b” winding
“c” winding
Motor axis
(shaft)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com