Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM-YROTATE-IT-RX62T Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # UM-YROTATE-IT-RX62T
Description  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button UM-YROTATE-IT-RX62T Datasheet HTML 37Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 38Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 39Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 40Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 41Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 42Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 43Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 44Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 41 of 51
Jan 15, 2014
k) Set a start-up current equal to 25% of the maximum current. In our case 25% of 3.5A is 0.875A. Please enter the
value 875 into the parameter n°6 and click on the “write” button on the left.
Let’s close the window.
l) Please click on the button: “Speed Control”:
To start the motor, let’s enter a speed which is 1.5 times the minimum speed, in this case 1500 RPM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com