Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM-YROTATE-IT-RX62T Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # UM-YROTATE-IT-RX62T
Description  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button UM-YROTATE-IT-RX62T Datasheet HTML 43Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 44Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 45Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 46Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 47Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 48Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 49Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 50Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 47 of 51
Jan 15, 2014
21. List of variables used in the file name: “motorcontrol.c”
The file called “motorcontrol.c” includes the motor control algorithm routines. Please find below the description of
the variables used in this file.
Label(s)
Type
Description
Unit
ium_off, ivm_off,
iwm_off
float
A/D conversion offsets of measured u, v, w phase currents; the
value is around 2048, that corresponds to one half of the A/D
converter supply voltage (5Vdc) (12bit A/D).
vol_ref
float
A/D conversion result of the reading of the reference voltage
(4.25V); used for compensate the effects of the power supply
variations in the A/D conversions; the ideal value is 870 (10bit
A/D), if the A/D converter supply voltage is exactly 5V.
kadi, kadv
float
Current and voltage conversion constants; they are corrected
on the grounds of vol_ref, and they are used to convert the A/D
results in the used measurement units; multiplying the A/D
result by the conversion constant, the current (voltage) in
Ampere (Volt) is obtained (ex.: iu=kadi*(iuad-ium_off))
r_sta
float
Stator resistance
ohm
l_sync
float
Synchronous inductance
henry
c_poli
float
Number of polar couples
krpmocp,
ukrpmocp
float
Conversion constant between mechanical speed and electrical
speed, and its reciprocal (ukrpmocp=1/krpmocp).
(rad/s)/rpm,
rpm/(rad/s)
vstart
float
Startup voltage in single shunt operation; during startup, first a
voltage ramp at zero speed is performed, then a voltage and
speed ramp; vstart is the actual value.
volt
vs_off
float
Offset startup voltage in single shunt operation; vs_off is the
total starting value (total voltage at zero speed).
volt
vs_inc
float
It is the quantity added at every zero speed ramp step to obtain
vs_off.
volt
vs_del
float
Total voltage quantity added during startup in single shunt
operation; added to vs_off, it gives the voltage applied when
the voltage and speed ramp is finished.
volt
vs_dela
float
Voltage quantity added at every voltage and speed ramp step
during startup in single shunt operation.
volt
istart
float
Startup current in three shunts operation; during startup, first a
current ramp at zero speed is imposed, then a speed ramp with
constant current (istart).
ampere
is_inc
float
Startup current increment at every step.
ampere



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com