Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM-YROTATE-IT-RX62T Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # UM-YROTATE-IT-RX62T
Description  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button UM-YROTATE-IT-RX62T Datasheet HTML 11Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 12Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 13Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 14Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 15Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 16Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 17Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 18Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 15 of 51
Jan 15, 2014
9. Control microcontroller overview
The RX62T/63T Group is a set of microcontrollers featuring the high-speed, high-performance RX CPU as the 100MHz
processor core.
Each basic instruction of the processor is executable in one cycle of the system clock. Calculation functionality is
enhanced by the inclusion of a single-precision floating-point calculation unit as well as a 32-bit multiplier and
divider. Additionally, code efficiency is improved by instructions with lengths that are variable in byte units to cover
an enhanced range of addressing modes.
A multi-functional timer pulse unit 3 (for motor control), general PWM timer, compare match timers, watchdog
timer, independent watchdog timer, serial communications interfaces, I2C bus interfaces, CAN module, serial
peripheral interface, LIN module, 12-bit A/D converters with three-channel simultaneous sampling function, and 10-
bit A/D converter are incorporated as peripheral functions which are essential to motor control devices. In addition,
the 12-bit A/D converters include a window comparator and programmable gain amplifier for additional
functionality.
Please find below the summary of the RX62T features:
RX600 CPU
High-speed: 100MHz clock
High performance: 1.65MIPS/MHz
Low current consumption: only 50mA @
100MHz
Single-precision floating point unit FPU,
barrel shifter, MAC, RMPA
256kB Flash/16kB RAM to 64kB Flash/8kB
RAM
Zero wait access to Flash memory
64pin – 112pin package options
Functions
Enhanced PWM resolution with MTU3, enhanced PWM functionality with GPT
12-bit A/D converter (1µs) : 4 channels x 2 unit , 10-bit A/D converter (1µs) : 12 channels x 1 unit
Three S/H circuits for each unit: Three shunts control enable
Double data registers for each unit: 1 shunt control enable
Programmable gain Operational amplifier, Window comparator for Voltage monitoring
CAN option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com