Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM-YROTATE-IT-RX62T Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # UM-YROTATE-IT-RX62T
Description  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button UM-YROTATE-IT-RX62T Datasheet HTML 40Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 41Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 42Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 43Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 44Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 45Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 46Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 47Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 44 of 51
Jan 15, 2014
In our case, at 350 it started to be very unstable, but the motor is still running. Set the speed to “0”.
Then use half of the found value: 175 in our case, click on “write” and set the speed to 2000 RPM.
Do the same for the parameter n°14 which is the speed loop Ki parameter. Increase it until it becomes unstable.
In our case the critical value is reached at 2800 for Ki, so the value to be used is: 1400.
n) Test now all the speed ranges and different rotation.
o) Finally the parameters list can be saved in a file in .CSV format for further used and can also be uploaded later on:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com