Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM-YROTATE-IT-RX62T Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UM-YROTATE-IT-RX62T
Description  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UM-YROTATE-IT-RX62T Datasheet HTML 2Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 3Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 4Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 5Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 6Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 7Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 8Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 9Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 6 of 51
Jan 15, 2014
3. Power supply selection
As stated before, there are two ways to supply power to the board.
One possibility is to use directly the PC USB supply, and in this case the current you can give to the motor is limited
by the USB possibilities. A dual power USB cable is recommended to give enough power to the board.
The second possibility is to use an external voltage DC source to supply the board.
The recommended voltage values are between 12VDC and 24VDC. In this case the communication stage is insulated
from the inverter.
The selection between the two possibilities is made through three jumpers in the J2 connector, as described in the
following figure.
The first jumper configuration connects the USB ground to the inverter ground, the USB 5Vdc to the logic +5Vdc and
the output of the step-up converter (around 13Vdc) to the inverter DC link.
The second jumper configuration connects the external power supply ground to the inverter ground, the output of
the step-down converter (+5Vdc) to the logic +5Vdc and the external +Vdc (from 12 to 24 Vdc) to the inverter DC
link.
9
4
8
7
5
6
3
2
1
PC USB SUPPLY SELECTION
9
4
8
7
5
6
3
2
1
EXTERNAL SUPPLY SELECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com