Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM-YROTATE-IT-RX62T Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # UM-YROTATE-IT-RX62T
Description  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button UM-YROTATE-IT-RX62T Datasheet HTML 27Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 28Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 29Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 30Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 31Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 32Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 33Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 34Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 31 of 51
Jan 15, 2014
Furthermore idmea and iqmea begin to be similar to the real flux and torque components of the current. The
real components are supposed to be id0 and iq0 (those values are obtained applying a low-pass filter to idmea
and iqmea).
The interval (t2-t1) is the start-up time, and it is supposed to be large enough to allow the estimation algorithm to
reach the complete alignment with the real phase of the system.
d) At t = t2, the phase estimation process is supposed to be aligned. At this point a reference system change is
performed: from the arbitrary (da, qa) reference to the (d, q) reference based on the estimated phase
ϑ
est.
The current references are changed to the values id0 and iq0, and all the PI controllers are initialized with these new
values. The speed PI integral memory is initialized with the value iq0, while the current PI integral memories are
initialized with the analogous voltage values vd0 and vq0, obtained from vdmea and vqmea.
e) After t > t2 , the normal control is performed, based on the estimated phase
ϑ
est; the speed reference is
increased with the classical ramp; the id current reference is decreased with a ramp, till it reaches the value
zero at the moment t3; then it is maintained to zero; the iq current reference is obtained as output of the
speed PI controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com