Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM-YROTATE-IT-RX62T Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UM-YROTATE-IT-RX62T
Description  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UM-YROTATE-IT-RX62T Datasheet HTML 7Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 8Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 9Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 10Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 11Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 12Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 13Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 14Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 11 of 51
Jan 15, 2014
The interface between the board and an external power stage is organized as follows:
a) A 16 pins connector (J11) is used for the PWM drive signals; the signals are directly connected to the
microcontroller output pins, and there is no pull-up or pull-down resistor connected, so the polarization has
to be done in the power stage (note that in case of alarm, the microcontroller output pins can be placed in
high impedance state, so the external polarization is necessary); these output commands are logic level
signals, with limited current output capability, so an external driver is probably required. A further line is
connected to the microcontroller: it is the external alarm signal, connected to the POE input pin; this pin is
not polarized, so if the POE is enabled and the input is left unconnected, undesired alarms can occur. All the
free pins of the connector are connected to the board ground to minimize the cross talking of the lines if a
flat cable is used.
b) A 26 pins connector (J13) is used to collect some signals from the power stage, in particular the current
readings and the DC link voltage reading; those signals are clamped and weakly filtered, then directly
connected to the A/D converter input pins of the microcontroller, so the external power stage has to take
care of the gain and the offset of these signals. An input is dedicated also to a thermal sensor, and a pull-up
resistor is present. Three further signals are managed: they are the commutation signals from the output
phases, useful if the hardware compensation of dead-times facility of the MTU is used; those signals are
CONN. J13
1
3
5
7
9
11
13
15
2
4
6
8
10
12
14
16
17
19
21
23
25
18
20
22
24
26
AN102 (UP85) U PHASE CURRENT SIGNAL
100R
1N
+5V
15K
+5V
1K
100R
1N
+5V
100R
1N
+5V
15K
+5V
1K
15K
+5V
1K
100R
1N
+5V
10K
+5V
AN101 (UP86) V PHASE CURRENT SIGNAL
AN103 (UP84) VBUS VOLTAGE SIGNAL
MTIC5U (UP96) U PHASE COMM. SIGNAL
MTIC5V (UP97) V PHASE COMM. SIGNAL
MTIC5W (UP98) W PHASE COMM. SIGNAL
AN100 (UP87) W PHASE CURRENT SIGNAL
AN2 (UP75) THERMAL SENSOR SIGNAL
1K
100N
+5V
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com