Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM-YROTATE-IT-RX62T Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # UM-YROTATE-IT-RX62T
Description  Low Cost Motor Control Kit based on RX62T
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UM-YROTATE-IT-RX62T Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button UM-YROTATE-IT-RX62T Datasheet HTML 32Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 33Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 34Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 35Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 36Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 37Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 38Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 39Page - Renesas Technology Corp UM-YROTATE-IT-RX62T Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
RX62T
YROTATE-IT-RX62T Motor Control Kit
UM-YROTATE-IT-RX62T Rev.1.00
Page 36 of 51
Jan 15, 2014
19. Motor Auto-calibration using the PC GUI
The full calibration of any 3-phase AC Brushless motor can be performed automatically using the PC Graphical User
Interface. Three specific buttons are now available for and shown below:
In terms of AC Brushless motor driven in sinusoidal mode and FOC algorithm, the most important parameters to
tune are:
1. Current PI parameters: Propotional Kp and Integral Ki
2. Motor parameters: Stator resistance Rs, the synchronous inductance Ls, and the Permanent Magnet flux
Λ
m.
Let’s tune step by step a real low voltage PMSM motor using the internal power stage with Mosfets.
a) The BLAC Motor selected is the following one:
Motor type: MB057GA240
Maximum current: 3.5A
Bus Voltage: 50V
Maximum speed: 5000 RPM
Number of pole pair: 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com