Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1133 Datasheet(PDF) 21 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 21 Page - Microchip Technology

Back Button CAP1133 Datasheet HTML 17Page - Microchip Technology CAP1133 Datasheet HTML 18Page - Microchip Technology CAP1133 Datasheet HTML 19Page - Microchip Technology CAP1133 Datasheet HTML 20Page - Microchip Technology CAP1133 Datasheet HTML 21Page - Microchip Technology CAP1133 Datasheet HTML 22Page - Microchip Technology CAP1133 Datasheet HTML 23Page - Microchip Technology CAP1133 Datasheet HTML 24Page - Microchip Technology CAP1133 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
 2015 Microchip Technology Inc.
DS00001625B-page 21
CAP1133
During Power-On-Reset (POR), the default values are stored in the registers. A POR is initiated when power is first
applied to the part and the voltage on the VDD supply surpasses the POR level as specified in the electrical character-
istics. Any reads to undefined registers will return 00h. Writes to undefined registers will not have an effect.
When a bit is “set”, this means that the user writes a logic ‘1’ to it. When a bit is “cleared”, this means that the user writes
a logic ‘0’ to it.
6.1
Main Control Register
The Main Control register controls the primary power state of the device.
Bits 7 - 6 - GAIN[1:0] - Controls the gain used by the capacitive touch sensing circuitry. As the gain is increased, the
effective sensitivity is likewise increased as a smaller delta capacitance is required to generate the same delta count
values. The sensitivity settings may need to be adjusted along with the gain settings such that data overflow does not
occur.
APPLICATION NOTE: The gain settings apply to both Standby and Active states.
91h
R/W
LED Pulse 2 Duty Cycle
Determines the min and max duty
cycle for breathe and pulse operation
F0h
Page 47
92h
R/W
LED Breathe Duty Cycle
Determines the min and max duty
cycle for the breathe operation
F0h
Page 47
93h
R/W
LED Direct Duty Cycle
Determines the min and max duty
cycle for Direct mode LED operation
F0h
Page 47
94h
R/W
LED Direct Ramp Rates
Determines the rising and falling edge
ramp rates of the LEDs
00h
Page 47
95h
R/W
LED Off Delay
Determines the off delay for all LED
behaviors
00h
Page 48
B1h
R
Sensor Input 1 Calibra-
tion
Stores the upper 8-bit calibration value
for sensor input 1
00h
Page 51
B2h
R
Sensor Input 2 Calibra-
tion
Stores the upper 8-bit calibration value
for sensor input 2
00h
Page 51
B3h
R
Sensor Input 3 Calibra-
tion
Stores the upper 8-bit calibration value
for sensor input 3
00h
Page 51
B9h
R
Sensor Input Calibra-
tion LSB 1
Stores the 2 LSBs of the calibration
value for sensor inputs 1 - 3
00h
Page 51
FDh
R
Product ID
Stores a fixed value that identifies
each product
54h
Page 51
FEh
R
Manufacturer ID
Stores a fixed value that identifies
Microchip
5Dh
Page 52
FFh
R
Revision
Stores a fixed value that represents
the revision number
83h
Page 52
TABLE 6-2:
MAIN CONTROL REGISTER
ADDR
R/W
Register
B7
B6B5
B4
B3B2B1B0
Default
00h
R/W
Main Control
GAIN[1:0]
STBY
DSLEEP
-
-
-
INT
00h
TABLE 6-3:
GAIN BIT DECODE
GAIN[1:0]
Capacitive Touch Sensor Gain
10
00
1
TABLE 6-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Address
R/W
Register Name
Function
Default Value
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com