Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAP1133 Datasheet(PDF) 20 Page - Microchip Technology

Part # CAP1133
Description  3 Channel Capacitive Touch Sensor with 3 LED Drivers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1133 Datasheet(HTML) 20 Page - Microchip Technology

Back Button CAP1133 Datasheet HTML 16Page - Microchip Technology CAP1133 Datasheet HTML 17Page - Microchip Technology CAP1133 Datasheet HTML 18Page - Microchip Technology CAP1133 Datasheet HTML 19Page - Microchip Technology CAP1133 Datasheet HTML 20Page - Microchip Technology CAP1133 Datasheet HTML 21Page - Microchip Technology CAP1133 Datasheet HTML 22Page - Microchip Technology CAP1133 Datasheet HTML 23Page - Microchip Technology CAP1133 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
CAP1133
DS00001625B-page 20
 2015 Microchip Technology Inc.
31h
R/W
Sensor Input 2 Thresh-
old
Stores the delta count threshold to
determine a touch for Capacitive
Touch Sensor Input 2
40h
Page 34
32h
R/W
Sensor Input 3 Thresh-
old
Stores the delta count threshold to
determine a touch for Capacitive
Touch Sensor Input 3
40h
Page 34
38h
R/W
Sensor Input Noise
Threshold
Stores controls for selecting the noise
threshold for all sensor inputs
01h
Page 34
Standby Configuration Registers
40h
R/W
Standby Channel
Controls which sensor inputs are
enabled while in standby
00h
Page 35
41h
R/W
Standby Configuration
Controls averaging and cycle time
while in standby
39h
Page 35
42h
R/W
Standby Sensitivity
Controls sensitivity settings used while
in standby
02h
Page 36
43h
R/W
Standby Threshold
Stores the touch detection threshold
for active sensor inputs in standby
40h
Page 37
44h
R/W
Configuration 2
Stores additional configuration con-
trols for the device
40h
Page 25
Base Count Registers
50h
R
Sensor Input 1 Base
Count
Stores the reference count value for
sensor input 1
C8h
Page 37
51h
R
Sensor Input 2 Base
Count
Stores the reference count value for
sensor input 2
C8h
Page 37
52h
R
Sensor Input 3 Base
Count
Stores the reference count value for
sensor input 3
C8h
Page 37
LED Controls
71h
R/W
LED Output Type
Controls the output type for the LED
outputs
00h
Page 38
72h
R/W
Sensor Input LED Link-
ing
Controls linking of sensor inputs to
LED channels
00h
Page 38
73h
R/W
LED Polarity
Controls the output polarity of LEDs
00h
Page 38
74h
R/W
LED Output Control
Controls the output state of the LEDs
00h
Page 39
77h
R/W
Linked LED
Transition Control
Controls the transition when LEDs are
linked to CS channels
00h
Page 40
79h
R/W
LED Mirror Control
Controls the mirroring of duty cycles
for the LEDs
00h
Page 41
81h
R/W
LED Behavior 1
Controls the behavior and response of
LEDs 1 - 3
00h
Page 41
84h
R/W
LED Pulse 1 Period
Controls the period of each breathe
during a pulse
20h
Page 43
85h
R/W
LED Pulse 2 Period
Controls the period of the breathing
during breathe and pulse operation
14h
Page 45
86h
R/W
LED Breathe Period
Controls the period of an LED breathe
operation
5Dh
Page 46
88h
R/W
LED Config
Controls LED configuration
04h
Page 46
90h
R/W
LED Pulse 1 Duty Cycle
Determines the min and max duty
cycle for the pulse operation
F0h
Page 47
TABLE 6-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Address
R/W
Register Name
Function
Default Value
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com